Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0200TS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TN0200TS
Description  N-Channel 20-V (D-S) MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TN0200TS Datasheet(HTML) 1 Page - Vishay Siliconix

  TN0200TS Datasheet HTML 1Page - Vishay Siliconix TN0200TS Datasheet HTML 2Page - Vishay Siliconix TN0200TS Datasheet HTML 3Page - Vishay Siliconix TN0200TS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TN0200T/TS
Vishay Siliconix
Document Number: 70202
S-40277—Rev. F, 23-Feb-04
www.vishay.com
1
N-Channel 20-V (D-S) MOSFETs
PRODUCT SUMMARY
ID (A)
VDS (V)
rDS(on) (W)
TN0200T
TN0200TS
20
0.4 @ VGS = 4.5 V
0.73
1.2
20
0.5 @ VGS = 2.5 V
0.65
1.1
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 0.29 W
D Low Threshold: 0.9 V (typ)
D 2.5-V or Lower Operation
D Fast Switching Speed: 22 ns
D Low Input and Output
Leakage
D Low Offset Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Error Voltage
D Low Battery Voltage
Operation
D Direct Logic-Level Interfact: TTL/CMOS
D Dirvers: Relays, Solenoids, Lamps, Hammers
D Battery Operated Systems, DC/DC Converters
D Solid-State Relays
D Load/Power Switching−Cell Phones, Pagers
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Marking Code:
TN0200T: NOwll
TN0200TS: NSwll
w = Week Code
ll = Lot Traceability
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
TN0200T
TN0200TSc
Unit
Drain-Source Voltage
VDS
20
20
V
Gate-Source Voltage
VGS
"8
"8
V
Continuous Drain Current (TJ = 150_C)b
TA= 25_C
ID
0.73
1.2
Continuous Drain Current (TJ = 150_C)b
TA= 70_C
ID
0.58
1.0
A
Pulsed Drain Currenta
IDM
4
4
A
Continuous Source Current (Diode Conduction)b
IS
0.6
1.0
Power Dissipationb
TA= 25_C
PD
0.35
1.0
W
Power Dissipationb
TA= 70_C
PD
0.22
0.65
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
TN0200T
TN0200TSc
Unit
Maximum Junction-to-Ambientb
RthJA
357
125
_C/W
Notes
a.
Pulse width limited by maximum junction temperature.
b.
Surface Mounted on FR4 Board, t v 10 sec.
c.
Copper lead frame.


Similar Part No. - TN0200TS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TN0200TS-T1-E3 VBSEMI-TN0200TS-T1-E3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Similar Description - TN0200TS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SIUD402ED VISHAY-SIUD402ED Datasheet
223Kb / 9P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
TN0200K VISHAY-TN0200K_07 Datasheet
97Kb / 5P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 18-Jun-07
SIZ700DT-T1-GE3 VISHAY-SIZ700DT-T1-GE3 Datasheet
208Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT Datasheet
194Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT_V01 Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com