Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414TZLZA8 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320C6414TZLZA8
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6414TZLZA8 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6414TZLZA8 Datasheet HTML 3Page - Texas Instruments TMS320C6414TZLZA8 Datasheet HTML 4Page - Texas Instruments TMS320C6414TZLZA8 Datasheet HTML 5Page - Texas Instruments TMS320C6414TZLZA8 Datasheet HTML 6Page - Texas Instruments TMS320C6414TZLZA8 Datasheet HTML 7Page - Texas Instruments TMS320C6414TZLZA8 Datasheet HTML 8Page - Texas Instruments TMS320C6414TZLZA8 Datasheet HTML 9Page - Texas Instruments TMS320C6414TZLZA8 Datasheet HTML 10Page - Texas Instruments TMS320C6414TZLZA8 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 142 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226J − NOVEMBER 2003 − REVISED JULY 2006
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device compatibility
The C64x
 generation of devices has a diverse and powerful set of peripherals. The common peripheral set
and pin-compatibility that the C6414T, C6415T, and C6416T devices offer lead to easier system designs and
faster time to market. Table 2 identifies the peripherals and coprocessors that are available on the C6414T,
C6415T, and C6416T devices.
The C6414T, C6415T, and C6416T devices are pin-for-pin compatible, provided the following conditions are
met:
D All devices are using the same peripherals.
The C6414T is pin-for-pin compatible with the C6415T/C6416T when the PCI and UTOPIA peripherals on
the C6415T/C6416T are disabled.
The C6415T is pin-for-pin compatible with the C6416T when they are in the same peripheral selection
mode. [For more information on peripheral selection, see the Device Configurations section of this data
sheet.]
D The BEA[9:7] pins are properly pulled up/down.
[For more details on the device-specific BEA[9:7] pin configurations, see the Terminal Functions table of
this data sheet.]
Table 2. Peripherals and Coprocessors Available on the C6414T, C6415T, and C6416T Devices†‡
PERIPHERALS/COPROCESSORS
C6414T
C6415T
C6416T
EMIFA (64-bit bus width)
EMIFB (16-bit bus width)
EDMA (64 independent channels)
HPI (32- or 16-bit user selectable)
PCI (32-bit) [Specification v2.2]
McBSPs (McBSP0, McBSP1, McBSP2)
UTOPIA (8-bit mode) [Specification v1.0]
Timers (32-bit) [TIMER0, TIMER1, TIMER2]
GPIOs (GP[15:0])
VCP/TCP Coprocessors
† — denotes peripheral/coprocessor is not available on this device.
‡ Not all peripherals pins are available at the same time. (For more details, see the Device Configuration section.)


Similar Part No. - TMS320C6414TZLZA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414TZLZA8 TI1-TMS320C6414TZLZA8 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414TZLZA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com