Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACLF060HTX230 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # ACLF060HTX230
Description  9Arms output current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

ACLF060HTX230 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  ACLF060HTX230 Datasheet HTML 1Page - SynQor Worldwide Headquarters ACLF060HTX230 Datasheet HTML 2Page - SynQor Worldwide Headquarters ACLF060HTX230 Datasheet HTML 3Page - SynQor Worldwide Headquarters ACLF060HTX230 Datasheet HTML 4Page - SynQor Worldwide Headquarters ACLF060HTX230 Datasheet HTML 5Page - SynQor Worldwide Headquarters ACLF060HTX230 Datasheet HTML 6Page - SynQor Worldwide Headquarters ACLF060HTX230 Datasheet HTML 7Page - SynQor Worldwide Headquarters ACLF060HTX230 Datasheet HTML 8Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical
Specification
ACLF060HTx230
Product # ACLF060HTx230
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006462 Rev. A
04/17/2014
Page 2
Typical Connection Diagram
Fundamental Circuit Diagram
AC POWER OUTPUT
Pin 5
Pin 6
PFC
L2/N
PFC
L1
L1
AC POWER INPUT
L2/N
GND
Pin 2
Pin 1
Pin 4
360 Vdc
MOV 1: 300VAC, 60J; (EPCOS S10K300E2)
TVS 1: 400V, 3J; (Two VISHAY 1.5KE200CA devices connected in series)
C Hold-up: 450V, 390µF; (United Chemi-Con ELXS451VSN391MR50S)
Fuse 1: 250VAC, 12.5A; (Littelfuse 0216012.5MXEP)
85 - 264 Vac
DC POWER OUTPUT
L2/N
PFC
L2/N
+
L1
GND
PFC
L1
AC Line 1
AC POWER INPUT
SynQor
AC Line
Filter
L2/N
-Vout
C Hold-up
TVS 1
L1
+Vout
SynQor
PFC
Module
AC Line 2
/Neutral
Protective
Earth
Ground
Fuse 1
MOV 1
Technical Diagrams


Similar Part No. - ACLF060HTX230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACL-10337 ETC2-ACL-10337 Datasheet
244Kb / 1P
   8-CH High-Power Relay Outputs & 8-CH Isolated Digital Inputs Card
logo
Applied Concepts Inc.
ACL-11-1171 ACIPOWER-ACL-11-1171 Datasheet
90Kb / 1P
   CCFL INVERTER
ACL-12-1129 ACIPOWER-ACL-12-1129 Datasheet
95Kb / 1P
   CCFL INVERTER
ACL-12-1225 ACIPOWER-ACL-12-1225 Datasheet
124Kb / 2P
   CCFL INVERTER
ACL-12-1258 ACIPOWER-ACL-12-1258 Datasheet
90Kb / 1P
   CCFL INVERTER
More results

Similar Description - ACLF060HTX230

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
   2A Output Current
logo
Lowpower Semiconductor ...
LP3211 POWER-LP3211 Datasheet
280Kb / 6P
   280mA Output current
logo
MicroPower Direct, LLC
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
logo
Maxim Integrated Produc...
MAX17083EVKIT MAXIM-MAX17083EVKIT Datasheet
186Kb / 7P
   5A Output Current
Rev 0; 5/09
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Texas Instruments
PT5800 TI1-PT5800_14 Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
   Isolated Current Output
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com