Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ1400 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # AQ1400
Description  Integral fan cooling with speed control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ1400 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  AQ1400 Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ1400 Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ1400 Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ1400 Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ1400 Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ1400 Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ1400 Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ1400 Datasheet HTML 8Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product # AQ1400IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-0005979 Rev. E
10/01/15
Page 1
• High efficiency (92% for 48 VOUT Model at 1400W)
• Universal input voltage range
• Semi-regulated output for bus stability
• Integral fan cooling with speed control
• Active PFC; EN61000-3-2 compliant
• Low noise; EN55011 / EN55022 Class B compliant
• Over–current, over–voltage, & over–temp protection
• DC Power Good / AC Power Good signals
• Fan status output / Remote enable input
• Small size: 4.75" x 7" x 1.625" (encased)
• RoHS 6/6 compliant
• 5 V (500 mW) standby output
Product Features
Technical
Specification
ACuQor Single Output
Industrial Grade AC/DC Power Supply With PFC
85-264Vrms
12/15/24/28/48V
1400W
1800W
92%
Input Voltage
Semi-Regulated Output
Output Continuous Output Transient Full Load Efficiency


Similar Part No. - AQ1400

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
More results

Similar Description - AQ1400

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0800IUXX SYNQOR-AQ0800IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
logo
Hongfa Technology
HF3615 HONGFA-HF3615 Datasheet
190Kb / 3P
   COOLING FAN CONTROL MODULE
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Maxim Integrated Produc...
MAX6643LBEVKIT MAXIM-MAX6643LBEVKIT Datasheet
110Kb / 7P
   Automatic Fan-Speed Control
2005
logo
ORION FANS
OA11-22 ORIONFANS-OA11-22 Datasheet
68Kb / 1P
   AC Fan Speed Control Unit
logo
Feature Integration Tec...
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com