Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ55090EZB48xyz-G Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # BQ55090EZB48xyz-G
Description  Industry standard quarter-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090EZB48xyz-G Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  BQ55090EZB48xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product # BQ55090EZB48
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006251 Rev. C
02/17/16
Page 5
Technical Specification
Input:
35-55V
Output:
9.6V
Current:
48A
Package:
Eighth-brick
Standards Compliance & Qualification Testing
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
UL 60950-1:2007/R:2011-12
Basic insulation
EN 60950-1:2006/A2:2013
CAN/CSA C22.2 No. 60950-1:2007/A1:2011
Note: An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety certificates on new
releases or download from the SynQor website.
Parameter
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55 Hz sweep, 0.060" total excursion, 1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x, y and z axis
Temperature Cycling
10
-40 °C to 100 °C, unit temp. ramp 15 °C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10 °C to Tmax+10 °C, 5 °C steps, Vin = min to max, 0-105% load
Humidity
5
85 °C, 95% RH, 1000 hours, continuous Vin applied except 5 min/day
Solderability
15 pins
MIL-STD-883, method 2003
Standards Compliance & Qualification Testing


Similar Part No. - BQ55090EZB48xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090ETA27 SYNQOR-BQ55090ETA27 Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NKS SYNQOR-BQ55090ETA27NKS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NNS SYNQOR-BQ55090ETA27NNS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NRS SYNQOR-BQ55090ETA27NRS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NYS SYNQOR-BQ55090ETA27NYS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
More results

Similar Description - BQ55090EZB48xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com