Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ55090EZB48xyz-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # BQ55090EZB48xyz-G
Description  Industry standard quarter-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090EZB48xyz-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button BQ55090EZB48xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product # BQ55090EZB48
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006251 Rev. C
02/17/16
Page 9
Input:
35-55V
Output:
9.6V
Current:
48A
Package:
Eighth-brick
Applications Section
Applications Section
BASIC OPERATION AND FEATURES
With voltages dropping and currents rising, the economics
of an Intermediate Bus Architecture (IBA) are becoming
more attractive, especially in systems requiring multiple
low voltages. IBA systems separate the role of isolation and
voltage scaling from regulation and sensing. The BusQor
series bus converter provides isolation and an unregulated
voltage step down in one compact module, leaving regulation
to simpler, less expensive non-isolated converters.
In Figure A below, the BusQor module provides the isolation
stage of the IBA system. The isolated bus then distributes
power to the non-isolated buck regulators to generate the
required voltage levels at the points of load. In this case, the
bucks are represented with SynQor’s NiQor series of non-
isolated DC/DC converters. In many applications requiring
multiple low voltage outputs, significant savings can be
achieved in board space and overall system costs
When designing an IBA system with bus converters, the
designer can select from a variety of bus voltages. While
there is no universally ideal bus voltage, most designs
employ one of the following: 12V, 9.6V, 7.5V, 5V, or 3.3V.
Higher bus voltages can lead to lower efficiency for the buck
regulators but are more efficient for the bus converter and
provide lower board level distribution current. Lower bus
voltages offer the opposite trade offs.
SynQor’s BusQor modules act as a true dc transformer. The
output voltage is proportional to the input voltage, with a
specified “turns ratio” or voltage ratio, plus minor drop from
the internal resistive losses in the module. When used in
IBA systems, the output variation of the BusQor must be in
accordance with the input voltage range of the non-isolated
converters being employed.
The BusQor architecture is very scalable, meaning multiple
bus converters can be connected directly in parallel to allow
current sharing for higher power applications.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2,
permits the user to control when the converter is on or off.
This input is referenced to the return terminal of the input
bus, Vin(-).
In the negative logic version, the ON/OFF signal is active
low (meaning that a low turns the converter on). Figure B
is a detailed look of the internal ON/OFF circuitry.
BusQor
Converter
Converters
Loads
Front End
Typical User Board
Figure A: Example of Intermediate Bus Architecture using BusQor bus converter
and NiQor non-isolated converters
48Vdc
35-55V
9.6Vdc
3.3V
2.5V
1.8V
1.5V
0.9V
Vin(+)
TTL
On/Off
Vin(-)
Figure B: Internal ON/OFF pin circuitry
10V
124K
49.9K
100K
column 1
column 2


Similar Part No. - BQ55090EZB48xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090ETA27 SYNQOR-BQ55090ETA27 Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NKS SYNQOR-BQ55090ETA27NKS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NNS SYNQOR-BQ55090ETA27NNS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NRS SYNQOR-BQ55090ETA27NRS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NYS SYNQOR-BQ55090ETA27NYS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
More results

Similar Description - BQ55090EZB48xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com