Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ55090QZB84 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # BQ55090QZB84
Description  No minimum load requirement
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090QZB84 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  BQ55090QZB84 Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ55090QZB84 Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ55090QZB84 Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55090QZB84 Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090QZB84 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090QZB84 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090QZB84 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090QZB84 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090QZB84 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # BQ55090QZB84
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006286 Rev. C
02/10/16
Page 4
Technical Specification
Input:
35-55V
Output:
9.6V
Current:
84 A
Package:
Quarter-brick
BQ55090QZB84 Electrical Characteristics (continued)
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C base plate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
DYNAMIC CHARACTERISTICS
Output Voltage during Load Current Transient
Step Change in Output Current (0.1 A/µs)
200
mV
50% to 75% to 50% Iout max
Settling Time
100
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time (with 5mF output capacitance)
5
10
ms
42 A Resistive Load, Vout=90% nom.
Fault Inhibit Time
800
ms
Figure E
Output Voltage Overshoot
2
%
5 mF load Capacitance; 42 A Resistive Load
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
See Absolute Maximum Ratings
Isolation Resistance
30
Isolation Capacitance (input to output)
1000
pF
See Note 3
Semiconductor Junction Temperature
125
°C
Package rated to 150 °C
Board Temperature
125
°C
UL rated max operating temp 130 °C
Transformer Core Temperature
130
°C
Base plate temperature
100
°C
FEATURE CHARACTERISTICS
Switching Frequency
120
140
160
kHz
ON/OFF Control (Option N)
On-State Voltage
-1
0.8
V
Off-State Voltage
2.4
18
V
ON/OFF Control
Application notes Figures A & B
Pull-Up Voltage
3.3
V
Pull-Up Resistance
100
Over-Temperature Shutdown OTP Trip Point
140
150
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia) SR-332, Issue 2
5.4
106 Hrs. 80% load, 200LFM, 40 °C Ta
Calculated MTBF (MIL-217) MIL-HDBK-217F
3.6
106 Hrs. 80% load, 200LFM, 40 °C Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
Note 1: Safety product certification tests were carried out using 30A fast blow fuse. Fuse interruption characteristics have to be taken into account
while designing input traces. User should ensure that Input trace is capable of withstanding fault currents
Note 2: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 3: Isolation capacitance can be added external to the module.


Similar Part No. - BQ55090QZB84

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QEw60xyz-G SYNQOR-BQ55090QEw60xyz-G Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NKS SYNQOR-BQ55090QPA40NKS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55090QPA40NNS SYNQOR-BQ55090QPA40NNS Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
More results

Similar Description - BQ55090QZB84

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
logo
Artesyn Technologies
AVO100-48S28B-6L ARTESYN-AVO100-48S28B-6L Datasheet
1Mb / 3P
   No minimum load requirement
logo
SynQor Worldwide Headqu...
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com