Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ57090QZB84 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # BQ57090QZB84
Description  Output over-voltage protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57090QZB84 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  BQ57090QZB84 Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ57090QZB84 Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ57090QZB84 Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ57090QZB84 Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ57090QZB84 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ57090QZB84 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57090QZB84 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57090QZB84 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57090QZB84 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # BQ57090QZB84
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006522 Rev. B
05/12/15
Page 2
Input:
40-65 V
Output:
9.6 V
Current:
84A
Package:
Quarter-brick
PIN DESIGNATIONS
Pin
Name
Function
1 Vin(+) Positive input voltage
2 ON/OFF Logic control input to turn converter on/off.
3
Vin(–) Negative input
4 Vout(–) Negative output
5 Vout(+) Positive output
]
0.220
[5.59]
0.600 [15.24]
1.51 [38.4]
1.100 [27.94]
Overall Height
0.517±0.030
13.13±0.76
[
]
M3 Inserts
3 Places
See Notes 1 & 2
See Note 3
Bottomside
Clearance
0.052±0.034
1.32±0.86
[
]
0.180 [4.57]
0.300 [7.63]
0.600 [15.24]
[11.5]
0.45
2.34
[59.4]
1.900
[48.26]
2.000
[50.80]
0.16
[4.0
1.150
[29.21]
0.205 [5.21]
1
2
3
4
5
NOTES
1) M3 screws used to bolt unit's baseplate to other surfaces such as
heatsinks must not exceed 0.10" (2.54mm) depth below the surface
of the baseplate.
2) Applied torque per screw should not exceed 6in-lb (0.7nm)
3) Baseplate flatness tolerance is 0.004" (.10mm) TIR for surface
4) Other pin extension lengths available
5) Pins 1-3 are 0.040" (1.02mm) dia. with 0.080" (2.03mm) dia.
standoff shoulders
6) Pins 4 and 5 are 0.062" (1.57mm) dia. with 0.100" (2.54mm) dia.
standoff shoulders
7) All pins: Material: Copper Alloy
Finish: Matte Tin over Nickel plate
8) Undimensioned components are shown for visual reference only
9) Baseplate weight: 2.67 oz (75.7 g) typical
10) All dimensions in inches(mm)
Tolerances: x.xxin +/-0.02 (x.xmm +/-0.5mm)
x.xxxin +/-0.010 (x.xxmm +/-0.25mm)
Baseplated Mechanical Diagram


Similar Part No. - BQ57090QZB84

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57090QEw60xyz-G SYNQOR-BQ57090QEw60xyz-G Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ57090QZB84

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
SynQor Worldwide Headqu...
BQ57120EZB38 SYNQOR-BQ57120EZB38 Datasheet
2Mb / 13P
   Output over-voltage protection
logo
FSP TECHNOLOGY INC.
FSP100-50LG FSP-FSP100-50LG_15 Datasheet
145Kb / 1P
   Output over voltage protection
FSP180-50LE FSP-FSP180-50LE Datasheet
147Kb / 1P
   Output over voltage protection
FSP180-50LH FSP-FSP180-50LH Datasheet
152Kb / 1P
   Output over voltage protection
logo
Bel Fuse Inc.
0RQB-D0W12L BEL-0RQB-D0W12L Datasheet
1,000Kb / 14P
   Output Over-voltage Protection
0RQB-50Y48X BEL-0RQB-50Y48X Datasheet
1Mb / 25P
   Output Over-Voltage Protection
logo
Delta Electronics, Inc.
Q48SQ12018 DELTA-Q48SQ12018 Datasheet
729Kb / 13P
   Hiccup output over voltage protection(OVP)
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
   Input Under-Voltage Lockout Output Over-Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com