Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ57120QEX50 Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # BQ57120QEX50
Description  Industry standard quarter-brick pin-out configuration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57120QEX50 Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button BQ57120QEX50 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57120QEX50 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57120QEX50 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57120QEX50 Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ57120QEX50 Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ57120QEX50 Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ57120QEX50 Datasheet HTML 12Page - SynQor Worldwide Headquarters BQ57120QEX50 Datasheet HTML 13Page - SynQor Worldwide Headquarters BQ57120QEX50 Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # BQ57120QEx50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006201 Rev. C
07/21/15
Page 10
Input:
40-65 V
Output:
9.3-16.25 V
Current:
50A
Package:
Quarter-brick
Applications Section
Applications Section
BusQor
Converter
Converters
Loads
Front End
Typical User Board
Vin(+)
TTL
On/Off
Vin(-)
Figure A: Example of Intermediate Bus Architecture using BusQor bus converter
and NiQor non-isolated converters
52.5Vdc
40-65V
13.1Vdc
Figure B: Internal ON/OFF pin circuitry
5V
124K
49.9K
100k
5V
3.3V
2.5V
1.8V
1.5V
0.9V
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2,
permits the user to control when the converter is on or off.
This input is referenced to the return terminal of the input
bus, Vin(-). There are two versions of the converter that
differ by the sense of the logic used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active
high (meaning that a high turns the converter on). In the
negative logic version, the ON/OFF signal is active low
(meaning that a low turns the converter on). Figure B is a
detailed look of the internal ON/OFF circuitry.
BASIC OPERATION AND FEATURES
With voltages dropping and currents rising, the economics of
an Intermediate Bus Architecture (IBA) are becoming more
attractive, especially in systems requiring multiple low voltages.
IBA systems separate the role of isolation and voltage scaling
from regulation and sensing. The BusQor series bus converter
provides isolation and a coarse voltage step down in one
compact module, leaving regulation to simpler, less expensive
non-isolated converters.
In Figure A below, the BusQor module provides the isolation
stage of the IBA system. The isolated bus then distributes power
to the non-isolated buck regulators to generate the required
voltage levels at the point of load. In this case, the bucks are
represented with SynQor’s NiQor series of non-isolated dc/dc
converters. In many applications requiring multiple low voltage
outputs, significant savings can be achieved in board space
and overall system costs.
When designing an IBA system with bus converters, the
designer can select from a variety of bus voltages. While there
is no universally ideal bus voltage, most designs employ one of
the following: 12 V, 9 V, 7.5 V, 5 V, or 3.3 V. Higher bus voltages
can lead to lower efficiency for the buck regulators but are
more efficient for the bus converter and provide lower board
level distribution current. Lower bus voltages offer the opposite
trade offs.
SynQor’s 12 Vout BusQor module acts as a true dc transformer.
The output voltage is proportional to the input voltage, with a
specified “turns ratio” or voltage ratio, plus minor drop from
the internal resistive losses in the module. When used in
IBA systems, the output variation of the BusQor must be in
accordance with the input voltage range of the non-isolated
converters being employed.
The BusQor architecture is very scalable, meaning multiple bus
converters can be connected directly in parallel to allow current
sharing for higher power applications.


Similar Part No. - BQ57120QEX50

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZw67xyz-G SYNQOR-BQ57120QZw67xyz-G Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ57120QEX50

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55090EZB48 SYNQOR-BQ55090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com