Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ57120QZB67 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # BQ57120QZB67
Description  Industry standard quarter-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ57120QZB67 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  BQ57120QZB67 Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ57120QZB67 Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ57120QZB67 Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ57120QZB67 Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ57120QZB67 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ57120QZB67 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ57120QZB67 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ57120QZB67 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ57120QZB67 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # BQ57120QZB67
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006523 Rev. B
05/12/15
Page 4
Technical Specification
Input:
40-65 V
Output:
12 V
Current:
67A
Package:
Quarter-brick
BQ57120QZB67 Electrical Characteristics (continued)
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48 V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
DYNAMIC CHARACTERISTICS
Output Voltage during Load Current Transient
Step Change in Output Current (0.1 A/µs)
150
mV
50% to 75% to 50% Iout max
Settling Time
100
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time (with 5 mF output capacitance)
5
10
ms
Half load, Vout=90% nom.
Start-Up Inhibit Time
800
ms
-40 °C to +125 °C; Figure E
Output Voltage Overshoot
0
%
5 mF load capacitance
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
See Absolute Maximum Ratings
Isolation Resistance
30
Isolation Capacitance (input to output)
1000
pF
See Note 3
Semiconductor Junction Temperature
125
°C
Package rated to 150 °C
Board Temperature
125
°C
UL rated max operating temp 130 °C
Transformer Core Temperature
130
°C
Maximum Baseplate Temperature, Tb
100
°C
FEATURE CHARACTERISTICS
Switching Frequency
170
200
230
kHz
ON/OFF Control (Option N)
On-State Voltage
-1
0.8
V
Off-State Voltage
2.4
18
V
ON/OFF Control (Either Option)
Application notes Figures A & B
Pull-Up Voltage
3.3
V
Pull-Up Resistance
100
Over-Temperature Shutdown OTP Trip Point
140
150
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia) TR-NWT-000332
5.4
106 Hrs. 80% load, 200 LFM, 40 °C Ta
Calculated MTBF (MIL-217) MIL-HDBK-217F
3.6
106 Hrs. 80% load, 200 LFM, 40 °C Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
Note 1: UL’s product certification tests were carried out using 30 A fast blow fuse. Fuse interruption characteristics have to be taken into
account while designing input traces. User should ensure that Input trace is capable of withstanding fault currents
Note 2: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 3: Isolation capacitance can be added external to the module.


Similar Part No. - BQ57120QZB67

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEw50xyz-G SYNQOR-BQ57120QEw50xyz-G Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ57120QZB67

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55090EZB48 SYNQOR-BQ55090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com