Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9204202XC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 9204202XC
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

9204202XC Datasheet(HTML) 5 Page - Vishay Siliconix

  9204202XC Datasheet HTML 1Page - Vishay Siliconix 9204202XC Datasheet HTML 2Page - Vishay Siliconix 9204202XC Datasheet HTML 3Page - Vishay Siliconix 9204202XC Datasheet HTML 4Page - Vishay Siliconix 9204202XC Datasheet HTML 5Page - Vishay Siliconix 9204202XC Datasheet HTML 6Page - Vishay Siliconix 9204202XC Datasheet HTML 7Page - Vishay Siliconix 9204202XC Datasheet HTML 8Page - Vishay Siliconix 9204202XC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Document Number: 67952
www.vishay.com
S11-1003-Rev. A, 23-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408MIL, DG409MIL
Vishay Siliconix
Notes
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
R
DS(on) = RDS(on) max. - RDS(on) min.
h. Worst case isolation occurs on channel 4 due to proximity to the drain pin.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa (Single Supply)
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS
OTHERWISE SPECIFIED
TEMP.b
TYP.c
A SUFFIX
- 55 °C to 125 °C
UNIT
V+ = 12 V, V- = 0 V
MIN.d
MAX.d
VAL = 0.8 V, VAH = 2.4 VF
Analog Switch
Drain-Source
On-Resistancee, f
RDS(on)
VD = 3 V, 10 V, IS = - 1 mA
Room
90
-
-
Dynamic Characteristics
Switching Time of
Multiplexere
tTRANS
VS1 = 8 V, VS8 = 0 V, VIN = 2.4 V
Room
180
-
-
ns
Enable Turn-On Timee
tON(EN)
VINH = 2.4 V, VINL = 0 V,
VS1 = 5 V
Room
180
-
-
Enable Turn-Off Timee
tOFF(EN)
Room
120
-
-
Charge Injectione
QCL = 1 nF, VS = 0 V, RS = 0
Room
5
-
-
pC


Similar Part No. - 9204202XC

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9204260000 WEIDMULLER-9204260000 Datasheet
128Kb / 2P
   Accessories, Spare cutting blade
September 28, 2021
More results

Similar Description - 9204202XC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com