Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-100-102RP Datasheet(PDF) 4 Page - Copal Electronics

Part # PG-100-102RP
Description  HANDHELD DIGITAL MANOMETER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-100-102RP Datasheet(HTML) 4 Page - Copal Electronics

  PG-100-102RP Datasheet HTML 1Page - Copal Electronics PG-100-102RP Datasheet HTML 2Page - Copal Electronics PG-100-102RP Datasheet HTML 3Page - Copal Electronics PG-100-102RP Datasheet HTML 4Page - Copal Electronics PG-100-102RP Datasheet HTML 5Page - Copal Electronics PG-100-102RP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PG-100
HANDHELD DIGITAL MANOMETER
Rated pressure range
Resolution
Display accuracy (at 25 °C
± 5 °C)
Additional function
Maximum pressure
Break-down pressure
Pressure port
Thermal error
Operating temp. range
Compensated temp. range
Operating humidity
Storage temp.
Pressure medium
Power
No. of digits
Display element
Rated display range
Display cycle
Net weight
Accessories
Item
PG-100
101RP
102RP
103RP
kPa
kPa
kPa
°C
°C
% RH
°C
maximum
Gauge
g
ZERO
SPAN
STANDARD SPECIFICATIONS
Compound pressure version
− 10 ~ 10
− 100 ~ 100
− 100 ~ 1000
20
200
1500
50
500
2000
M 5 female
1 count
± 1 %F.S. ± 2 counts
± 0.5 %F.S. ± 2 counts
Auto power off (3 min), Display hold, Battery replacement display
± 0.1 %F.S./°C ± 2 counts
± 0.05 %F.S./°C ± 2 counts
± 0.05 % Reading/°C ± 2 counts
0 ~ 50
0 ~ 50
35 ~ 85No condensation
− 20 ~ 70Atmospheric pressure, humidity 65 %RH maximum
Non-corrosive gases
Approx. 100
Attachements : Half union (for a tube of
φ 6 O.D.), and, Barb fitting (for a tube of φ 4 I.D.), one piece each.
Lithium batteryDC3.6 V
Battery life 3000 h minimum
3 1/2
LCD
Approx. 3 times/s
− 10.00 ~ 10.00
− 100.0 ~ 100.0
− 100 ~ 1000
Pressure reference
Model number
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C.


Similar Part No. - PG-100-102RP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100 COPAL-PG-100 Datasheet
1Mb / 3P
   HANDY MANOMETER
PG-100B COPAL-PG-100B Datasheet
289Kb / 5P
   HANDY MANOMETER
PG-100B-102A COPAL-PG-100B-102A Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100B-102A-H COPAL-PG-100B-102A-H Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100B-102A-HT COPAL-PG-100B-102A-HT Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
More results

Similar Description - PG-100-102RP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100N COPAL-PG-100N_16 Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com