Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-100-102AP Datasheet(PDF) 2 Page - Copal Electronics

Part # PG-100-102AP
Description  HANDHELD DIGITAL MANOMETER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-100-102AP Datasheet(HTML) 2 Page - Copal Electronics

  PG-100-102AP Datasheet HTML 1Page - Copal Electronics PG-100-102AP Datasheet HTML 2Page - Copal Electronics PG-100-102AP Datasheet HTML 3Page - Copal Electronics PG-100-102AP Datasheet HTML 4Page - Copal Electronics PG-100-102AP Datasheet HTML 5Page - Copal Electronics PG-100-102AP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PG-100
HANDHELD DIGITAL MANOMETER
<Option>
O The soft carrying case for PG-100 – Order item: PG-100 soft carrying case
(Useful for when carrying out and keeping.)
O DC3.6 V lithium battery – Order item: Lithium battery
(The battery is an expendable item. The first one is provided with the unit.)
Pressure reference
Gauge
Absolute
0 ~ 9.81
0 ~ 98.1
0 ~ 981
0 ~
− 98.1
0 ~ 98.1
0 ~ 98.1 kPa abs
{0 ~ 1000 mmH2O}
{0 ~ 1}
{0 ~ 10}
{0 ~
− 735 mmHg} {0 ~ 735 mmHg} {0 ~ 735 mmHg abs}
kPa {kgf/cm2}
Rated pressure range
Unit of display
Part number
LIST OF MODEL NUMBERS
Pa version
mmH2O
kgf/cm2
mmHg
A PG-100-101G A PG-100-102G A PG-100-103G A PG-100-102VH A PG-100-102GH A PG-100-102AH
Pressure reference
Gauge
Absolute
0 ~ 10
0 ~ 100
0 ~ 1000
0 ~
− 100
100 kPa abs
Rated pressure range kPa
Unit of display
Part number
Unit of display
Part number
kPa
PG-100-101GP
PG-100-102GP
PG-100-103GP
PG-100-102VP
PG-100-102AP
MPa
A PG-100-103GMP
Compound pressure version
Non SI unit version
Pressure reference
Gauge
− 10 ~ 10
− 100 ~ 100
− 100 ~ 1000
Rated pressure range
kPa
Unit of display
Model number
kPa
PG-100-101RP
PG-100-102RP
PG-100-103RP
:Not available
※ Verify the above model numbers when placing orders.
The GMP version, marked
A is manufactured upon
receipt of order basis.
Marked
A is manufactured upon receipt of order basis.
The soft carrying case for PG-100 (Option)


Similar Part No. - PG-100-102AP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100 COPAL-PG-100 Datasheet
1Mb / 3P
   HANDY MANOMETER
PG-100B COPAL-PG-100B Datasheet
289Kb / 5P
   HANDY MANOMETER
PG-100B-102A COPAL-PG-100B-102A Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100B-102A-H COPAL-PG-100B-102A-H Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100B-102A-HT COPAL-PG-100B-102A-HT Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
More results

Similar Description - PG-100-102AP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100N COPAL-PG-100N_16 Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com