Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4101DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4101DY
Description  P-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4101DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4101DY Datasheet HTML 1Page - Vishay Siliconix SI4101DY Datasheet HTML 2Page - Vishay Siliconix SI4101DY Datasheet HTML 3Page - Vishay Siliconix SI4101DY Datasheet HTML 4Page - Vishay Siliconix SI4101DY Datasheet HTML 5Page - Vishay Siliconix SI4101DY Datasheet HTML 6Page - Vishay Siliconix SI4101DY Datasheet HTML 7Page - Vishay Siliconix SI4101DY Datasheet HTML 8Page - Vishay Siliconix SI4101DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si4101DY
New Product
Document Number: 62828
S13-0110-Rev. A, 21-Jan-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
P-Channel 30 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
•100 % Rg and UIS Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Adaptor Switch, Load Switch
Power Management
Notebook Computers and
Portable Battery Packs
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under steady state conditions is 84 °C/W.
d. Based on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
d
Qg (Typ.)
- 30
0.0060 at VGS = - 10 V
- 25.7
65 nC
0.0080 at VGS = - 4.5 V
- 22.3
S
S
D
D
D
S
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information:
Si4101DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 25.7
A
TC = 70 °C
- 20.6
TA = 25 °C
- 18a, b
TA = 70 °C
- 14.4a, b
Pulsed Drain Current (t = 300 µs)
IDM
- 70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 5
TA = 25 °C
- 2.4a, b
Avalanche Current
L = 0.1 mH
IAS
- 30
Single-Pulse Avalanche Energy
EAS
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
6
W
TC = 70 °C
3.8
TA = 25 °C
2.9a, b
TA = 70 °C
1.9a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
10 s
RthJA
36
43
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
16
21


Similar Part No. - SI4101DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4101DY VISHAY-SI4101DY_V01 Datasheet
209Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4101DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com