Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4101DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4101DY
Description  P-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4101DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4101DY Datasheet HTML 1Page - Vishay Siliconix SI4101DY Datasheet HTML 2Page - Vishay Siliconix SI4101DY Datasheet HTML 3Page - Vishay Siliconix SI4101DY Datasheet HTML 4Page - Vishay Siliconix SI4101DY Datasheet HTML 5Page - Vishay Siliconix SI4101DY Datasheet HTML 6Page - Vishay Siliconix SI4101DY Datasheet HTML 7Page - Vishay Siliconix SI4101DY Datasheet HTML 8Page - Vishay Siliconix SI4101DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Vishay Siliconix
Si4101DY
New Product
www.vishay.com
2
Document Number: 62828
S13-0110-Rev. A, 21-Jan-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 20
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
5.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS  - 10 V, VGS = - 10 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 15 A
0.0050
0.0060
VGS = - 4.5 V, ID = - 10 A
0.0066
0.0080
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 15 A
72
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
8190
pF
Output Capacitance
Coss
772
Reverse Transfer Capacitance
Crss
715
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 18 A
135
203
nC
VDS = - 15 V, VGS = - 4.5 V, ID = - 18 A
65
85
Gate-Source Charge
Qgs
22.5
Gate-Drain Charge
Qgd
17.6
Gate Resistance
Rg
f = 1 MHz
0.4
2
4
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 
ID  - 10 A, VGEN = - 10 V, Rg = 1 
20
30
ns
Rise Time
tr
918
Turn-Off DelayTime
td(off)
80
120
Fall Time
tf
11
20
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 
ID  - 10 A, VGEN = - 4.5 V, Rg = 1 
72
108
Rise Time
tr
60
90
Turn-Off DelayTime
td(off)
60
90
Fall Time
tf
23
35
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode Current
IS
TC = 25 °C
- 5
A
Pulse Diode Forward Current
ISM
- 70
Body Diode Voltage
VSD
IS = - 3 A, VGS = 0 V
- 0.78
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 10 A, dI/dt = 100 A/µs, TJ = 25 °C
29
45
ns
Body Diode Reverse Recovery Charge
Qrr
19
29
nC
Reverse Recovery Fall Time
ta
13
ns
Reverse Recovery Rise Time
tb
16


Similar Part No. - SI4101DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4101DY VISHAY-SI4101DY_V01 Datasheet
209Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4101DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com