Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHG21N65EF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIHG21N65EF
Description  E Series Power MOSFET with Fast Body Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHG21N65EF Datasheet(HTML) 1 Page - Vishay Siliconix

  SIHG21N65EF Datasheet HTML 1Page - Vishay Siliconix SIHG21N65EF Datasheet HTML 2Page - Vishay Siliconix SIHG21N65EF Datasheet HTML 3Page - Vishay Siliconix SIHG21N65EF Datasheet HTML 4Page - Vishay Siliconix SIHG21N65EF Datasheet HTML 5Page - Vishay Siliconix SIHG21N65EF Datasheet HTML 6Page - Vishay Siliconix SIHG21N65EF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SiHG21N65EF
www.vishay.com
Vishay Siliconix
S15-2686-Rev. A, 16-Nov-15
1
Document Number: 91607
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
E Series Power MOSFET with Fast Body Diode
FEATURES
• Fast body diode MOSFET using E series
technology
• Reduced trr, Qrr, and IRRM
• Low figure-of-merit (FOM) Ron x Qg
• Low input capacitance (Ciss)
• Low switching losses due to reduced Qrr
• Ultra low gate charge (Qg)
• Avalanche energy rated (UIS)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecommunications
- Server and telecom power supplies
• Lighting
- High-intensity discharge (HID)
- Fluorescent ballast lighting
• Consumer and computing
- ATX power supplies
• Industrial
- Welding
- Battery chargers
• Renewable energy
- Solar (PV inverters)
• Switch mode power supplies (SMPS)
• Applications using the following topologies
- LCC
- Phase shifted bridge (ZVS)
- 3-level inverter
- AC/DC bridge
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. VDD = 50 V, starting TJ = 25 °C, L = 28.2 mH, Rg = 25 , IAS = 5.1 A.
c. 1.6 mm from case.
d. ISD  ID, dI/dt = 100 A/μs, starting TJ = 25 °C.
PRODUCT SUMMARY
VDS (V) at TJ max.
700
RDS(on) max. at 25 °C ()VGS = 10 V
0.18
Qg max. (nC)
106
Qgs (nC)
14
Qgd (nC)
33
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247AC
G
D
S
ORDERING INFORMATION
Package
TO-247AC
Lead (Pb)-free and Halogen-free
SiHG21N65EF-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current (TJ = 150 °C)
VGS at 10 V
TC = 25 °C
ID
21
A
TC = 100 °C
13
Pulsed Drain Current a
IDM
53
Linear Derating Factor
1.7
W/°C
Single Pulse Avalanche Energy b
EAS
367
mJ
Maximum Power Dissipation
PD
208
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Drain-Source Voltage Slope
TJ = 125 °C
dV/dt
37
V/ns
Reverse Diode dV/dt d
31
Soldering Recommendations (Peak Temperature) c
for 10 s
300
°C


Similar Part No. - SIHG21N65EF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHG21N65EF ISC-SIHG21N65EF Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHG21N65EF VISHAY-SIHG21N65EF Datasheet
224Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHG21N65EF VISHAY-SIHG21N65EF_V01 Datasheet
224Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
More results

Similar Description - SIHG21N65EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB24N65EF VISHAY-SIHB24N65EF Datasheet
167Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. B, 27-Feb-17
SIHH14N65EF VISHAY-SIHH14N65EF Datasheet
184Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 15-Feb-16
SIHG21N65EF VISHAY-SIHG21N65EF_V01 Datasheet
224Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHG28N65EF VISHAY-SIHG28N65EF_V01 Datasheet
208Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH24N65EF VISHAY-SIHH24N65EF_V01 Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SQW44N65EF VISHAY-SQW44N65EF Datasheet
321Kb / 8P
   E Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP28N65EF VISHAY-SIHP28N65EF_V01 Datasheet
145Kb / 7P
   E Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHA21N65EF VISHAY-SIHA21N65EF_V01 Datasheet
180Kb / 8P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SQW44N65EF VISHAY-SQW44N65EF_V01 Datasheet
321Kb / 8P
   E Series Power MOSFET With Fast Body Diode
01-Jan-2023
SIHG47N60EF VISHAY-SIHG47N60EF Datasheet
152Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. D, 28-Oct-13
SIHH11N65EF VISHAY-SIHH11N65EF Datasheet
200Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 21-Mar-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com