Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-100N-103R-MX2 Datasheet(PDF) 3 Page - Copal Electronics

Part # PG-100N-103R-MX2
Description  HANDHELD DIGITAL MANOMETER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-100N-103R-MX2 Datasheet(HTML) 3 Page - Copal Electronics

  PG-100N-103R-MX2 Datasheet HTML 1Page - Copal Electronics PG-100N-103R-MX2 Datasheet HTML 2Page - Copal Electronics PG-100N-103R-MX2 Datasheet HTML 3Page - Copal Electronics PG-100N-103R-MX2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PG-100N
PG-100N
HANDHELD DIGITAL MANOMETER
Rated pressure range
(mmHg)
Resolution
Integrated accuracy
Output accuracy / Pesolution
Response
Power supply (External supply)
Maximum pressure
(mmHg)
Break-down pressure
(mmHg)
Pressure port
Operating temp. range
Compensated temp. range
Operating humidity
Storage temp.
Pressure medium
Power
No. of digits
Display element
Rated display range(mmHg display)
Display cycle
Net weight
Output resistance
Additional function
Accessories
Option (Sold seperately)
Output voltage
Item
101R-H
10 ~ 10
(− 75.0 ~ 75.0)
100 ~ 100
(− 750 ~ 750)
20
(150)
200
(1500)
50
(375)
500
(3750)
102R-H
kPa
kPa
kPa
°C
°C
% RH
°C
Gauge
g
STANDARD SPECIFICATIONS
Non SI unit version
M 5 female
1 digit
± 0.5 %F.S. ± 2 digits (at 25 °C ± 5 °C)
± 10 mV / 1 mV
Approx. 10 ms
5 ± 0.5 V DC 5 mA maximum
0 ~ 50
0 ~ 50
35 ~ 85No condensation
20 ~ 70Atmospheric pressure, humidity 65 %RH maximum
Non-corrosive gases
Approx. 100
Approx. 10 k
Ω
Auto power off , Display hold, Battery replacement display(LOBAT), Zero point adjustment
2 fittings (half union for 6mm OD tube, barb fitting for 4mm OD tube), 2 AAA batteries, strap
0 ~ ± 1.000 V Proportionate to display value
AAA dry battery DC 1.5 V × 2 Battery life 1000 h minimum
3 1/2
LCD
Approx. 4 times/s
      − 75.0 ~ 75.0
750 ~ 750
Pressure reference
Model number(mmHg display : compound)
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C.
PG-100N soft carrying case
± 1.5 %F.S. ± 2 digits (at 25 °C ± 25 °C)
± 1.0 %F.S. ± 2 digits (at 25 °C ± 25 °C)


Similar Part No. - PG-100N-103R-MX2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100N COPAL-PG-100N Datasheet
143Kb / 5P
   HANDY MANOMETER
More results

Similar Description - PG-100N-103R-MX2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
   HANDHELD DIGITAL MANOMETER
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com