Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ24018QGX25 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ24018QGX25
Description  Industry standard pin-out configuration
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24018QGX25 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ24018QGX25 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ24018QGX25 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ24018QGX25 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ24018QGX25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24018QGX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24018QGX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24018QGX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24018QGX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24018QGX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product # PQ24018QGx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG218D Rev. B
04/09/13
Page 1
Technical
Specification
PQ24018QGx25
PQ24018QGx25 Module
Operational Features
Protection Features
Control Features
Safety Features
Contents
Mechanical Features
The PQ24018QGx25 PowerQor Giga quarter-brick
converter is a next-generation, board-mountable, isolated,
fixed switching frequency DC-DC converter that uses
synchronous rectification to achieve extremely high
conversion efficiency. The power dissipated by the converter
is so low that a heatsink is not required, which saves cost,
weight, height, and application effort. All of the power and
control components are mounted to the multi-layer PCB
substrate with high-yield surface mount technology. Since
the PowerQor converter has no explicit thermal connections,
it is extremely reliable. RoHS Compliant, see last page.
• High efficiency, >84% at full rated load current
• Delivers up to 25 amps of output current with minimal derating
- no heatsink required
• Wide input voltage range: 18V - 36V meets or exceeds all 24V
bus standards
• Fixed frequency switching provides predictable EMI performance
• No minimum load requirement means no preload resistors required.
• On/Off control referenced to input side
(positive and negative logic options are available)
• Remote sense for the output voltage compensates for output
distribution drops
• Output voltage trim permits custom voltages and voltage margining
• Input under-voltage lockout disables converter at low input
voltage conditions
• Output current limit and short circuit protection protects converter
from excessive load current or short circuits
• Output over-voltage protection protects load from damaging voltages
• Thermal shutdown protects converer from abnormal
18 - 36V
1.8V
25A
45W
2000V dc Quarter-brick
Continuous Input
Outputs
Current
Max Power
Isolation
DC-DC Converter
• Industry standard pin-out configuration
• Standard Size Open Frame:1.45" x 2.30" (36.8 x 58.4mm)
• Open Frame height: .40” (10.2mm),
• Open Frame Weight: 1.2 oz. (34g)
• Flanged pins designed to permit surface mount soldering
(avoid wave solder) using FPiP technique on Open Frame Units
• UL 60950-1:R2011-12
• EN60950-1/A12:2011
• CAN/CSA-C22.2 No. 60950-1/A1:2011
Page No.
Mechanical Diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16


Similar Part No. - PQ24018QGX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24018QGA25 SYNQOR-PQ24018QGA25 Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25NKS SYNQOR-PQ24018QGA25NKS Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25NNS SYNQOR-PQ24018QGA25NNS Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25NRS SYNQOR-PQ24018QGA25NRS Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25NYS SYNQOR-PQ24018QGA25NYS Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ24018QGX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com