Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ40033QGw25xyz-G Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ40033QGw25xyz-G
Description  Output over-voltage protection protects load from damaging voltages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ40033QGw25xyz-G Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ40033QGw25xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ40033QGw25xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ40033QGw25xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ40033QGw25xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ40033QGw25xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ40033QGw25xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ40033QGw25xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ40033QGw25xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ40033QGw25xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Product # PQ40120QGx08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG128D Rev. C
11/13/12
Page 4
Input:
Output:
Current:
Package:
18-75V
12V
8.33A
Quarter-brick
PQ40120QGx08 Electrical Characteristics
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
-1
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage
Input to Output
2000
V
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
18
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
16.0
16.5
17.0
V
Turn-Off Voltage Threshold
14.5
15.0
15.5
V
Lockout Voltage Hysteresis
1.0
1.5
2.0
V
Maximum Input Current
9.3
A
100% Load, 18V Vin
No-Load Input Current
80
160
mA
Disabled Input Current
2.0
4
mA
Inrush Current Transient Rating
0.03
A2s
Response to Input Transient
250
mV
1000V/ms input transient
Input Reflected Ripple Current
5
mA
RMS thru 10μH inductor
Input Terminal Ripple Current
145
mA
RMS
Recommended Input Fuse
20.0
A
Fast acting external fuse recommended
Input Filter Component Values (L\C)
1.5\6.6
µH/µF Internal values
Recommended External Input Capacitance
47
µF
OUTPUT CHARACTERISTICS
Output Voltage Set Point
11.82
12.00
12.18
V
Output Voltage Regulation
Over Line
+0.05 \ 5 +0.2 \ 24 %/mV
Over Load
+0.05 \ 5 +0.2 \ 24 %/mV
Over Temperature
±90
±240
%/mV At full load: drift at zero load is minimal
Total Output Voltage Range
11.58
12.42
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20MHz bandwidth, see note 1
Peak-to-Peak
25
150
mV
Full load
RMS
15
30
mV
Full load
Operating Output Current Range
0
8.33
A
Subject to thermal derating
Output DC Current-Limit Inception
9.0
9.6
11.0
A
Output Voltage 10% Low
Output DC Current-Limit Shutdown Voltage
7.2
V
Current Share Accuracy (2 units paralleled)
2
5
%
% of rated output current
Back-Drive Current Limit while Enabled
0.1
0.3
0.8
A
Negative current drawn from output source
Back-Drive Current Limit while Disabled
0
10
50
mA
Negative current drawn from output source
Maximum Output Capacitance
2,000
μF
12Vout at 8.3A Resistive Load
EFFICIENCY
100% Load - (24Vin)
90
%
Figures 1 - 4, 24Vin
50% Load - (24Vin)
91
%
Figures 1 - 4, 24Vin
100% Load - (48Vin)
89
%
Figures 1 - 4, 48Vin
50% Load - (48Vin)
90
%
Figures 1 - 4, 48Vin
Technical Specifications
Electrical Characteristics


Similar Part No. - PQ40033QGw25xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40033QGw25xyz SYNQOR-PQ40033QGw25xyz Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
More results

Similar Description - PQ40033QGw25xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40150QGX07 SYNQOR-PQ40150QGX07 Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
   Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com