Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ40150QGw07xyz-G Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ40150QGw07xyz-G
Description  Output over-voltage protection protects load from damaging voltages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ40150QGw07xyz-G Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ40150QGw07xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ40150QGw07xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Product # PQ40120QGx08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG128D Rev. C
11/13/12
Page 8
Input:
Output:
Current:
Package:
18-75V
12V
8.33A
Quarter-brick
10 µH
source
impedance
DC/DC
Converter
See Fig. 19
See Fig. 18
See Fig. 20
1 µF
ceramic
capacitor
10 µF,
100m ESR
tantalum
capacitor
47 µF,
<1
ESR
electrolytic
capacitor
VSOURCE
iS
iC
VOUT
Figure 13: Turn-on transient at full load (resistive load) (4 ms/div). Input voltage
pre-applied. Ch 1: Vout (5V/div). Ch 2: ON/OFF input (5V/div).
Figure 14: Turn-on transient at zero load (4 ms/div). Ch 1: Vout (5V/div). Ch 2:
ON/OFF input (5V/div).
Figure 15: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/μs). Load cap: 10μF, 100 mW ESR tantalum cap
and 1μF ceramic cap. Ch 1: Vout (500mV/div), Ch 2: Iout (2A/div).
Figure 16: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 5A/µs). Load cap: 470µF, 30 mW ESR tantalum cap
and 1µF ceramic cap. Ch 1: Vout (500mV/div), Ch 2: Iout (2A/div).
Figure 17: Test set-up diagram showing measurement points for Input Terminal
Ripple Current (Figure 18), Input Reflected Ripple Current (Figure 19) and
Output Voltage Ripple (Figure 20).
Figure 18: Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 10µH source impedance and 47µF electrolytic
capacitor (200 mA/div). See Figure 17.
Technical Figures


Similar Part No. - PQ40150QGw07xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40150QGw07xyz SYNQOR-PQ40150QGw07xyz Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
More results

Similar Description - PQ40150QGw07xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ40150QGX07 SYNQOR-PQ40150QGX07 Datasheet
2Mb / 16P
   Output over-voltage protection protects load from damaging voltages
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
   Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com