Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ50050HPB50NNS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ50050HPB50NNS
Description  Output voltage trim permits custom voltages and voltage margining
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50050HPB50NNS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ50050HPB50NNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50050HPB50NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product # PQ50050HPB50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005487 Rev. A
03/18/10
Page 2
Input:
Output:
Current:
Part No.:
MECHANICAL DIAGRAM (base-plated)
Baseplate Mechanical Diagram
NOTES
1) Applied torque per screw should not exceed 3IN-LB (0.33Nm).
2) Baseplate flatness tolerance is 0.004” (.10mm) TIR for surface
3) Pins 1, 2, 4, 6-8 are 0.040” (1.02mm) diameter, with 0.080” (2.03mm)
diameter standoff shoulders.
4) Pins 5 and 9 are 0.080” (2.03 mm) diameter with 0.125” (3.18mm)
diameter standoff shoulders.
5) Other pin extension lengths available.
6) All Pins: Material: Copper Alloy
Finish: Matte Tin over Nickel plate
7) Undimensioned components are shown for visual reference only.
8) Weight: 4.3oz (123g) for baseplated unit
9) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
PIN DESIGNATIONS
Pin
Name
Function
Pin
Name
Function
Pin
Name
Function
1
Vin(+)
Positive input voltage
1
Vin(+)
Positive input voltage
1
Vin(+)
Positive input voltage
2
ON/OFF
2
ON/OFF
TTL input to turn converter on and off,
referenced to Vin(–), with internal pull up.
4
Vin(–)
Negative input voltage
4
Vin(–)
Negative input voltage
4
Vin(–)
Negative input voltage
5
Vout(-)
Negative output voltage
5
Vout(-)
Negative output voltage
5
Vout(-)
Negative output voltage
6
SENSE(–)
Negative remote sense(see note 1)
6
SENSE(–)
Negative remote sense(see note 1)
6
SENSE(–)
Negative remote sense(see note 1)
7
TRIM
Output voltage trim (see note 2)
7
TRIM
Output voltage trim (see note 2)
7
TRIM
Output voltage trim (see note 2)
8
SENSE(+)
Positive remote sense
8
SENSE(+)
Positive remote sense
8
SENSE(+)
Positive remote sense (see note 3)
9
Vout(+)
Positive output voltage
9
Vout(+)
Positive output voltage
9
Vout(+)
Positive output voltage
Notes:
1)
SENSE(–) should be connected to Vout(–) either remotely or at
the converter.
2)
Leave TRIM pin open for nominal output voltage.
3)
SENSE(+) should be connected to Vout(+) either remotely or
at the converter.


Similar Part No. - PQ50050HPB50NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
PQ50073HZB60NNS-G SYNQOR-PQ50073HZB60NNS-G Datasheet
2Mb / 12P
   Active back bias limit
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ50090QGB11NNS SYNQOR-PQ50090QGB11NNS Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
More results

Similar Description - PQ50050HPB50NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EKX04 SYNQOR-PQ60120EKX04 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
PQ60015EKX25 SYNQOR-PQ60015EKX25 Datasheet
1Mb / 15P
   Output voltage trim permits custom voltages and voltage margining
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com