Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ50180HTB10 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ50180HTB10
Description  Delivers up to 180W of output power with minimal derating
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50180HTB10 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ50180HTB10 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Technical Specification
Product # PQ50180HTB10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005486 Rev. B
04/14/10
Page 7
Input:44-52V
Output:18V
Current:10A
Part No.:PQ50180HTB10
10µH
source
impedance
Input
Terminal
Ripple
Current
Input
Reflected
Ripple
Current
Output
Voltage
Ripple
1µF
ceramic
capacitor
15µF,
450m Ω ESR
tantalum
capacitor
47µF,
<1Ω ESR
electrolytic
capacitor
VSOURCE
VOUT
i
S
i
C
Converter
DC-DC
Figures
Figure 7: Turn-on transient at full load (resistive load) (10 ms/div). Input voltage
pre-applied. Top Trace: Vout (5V/div). Bottom Trace: ON/OFF input (5V/div)
Figure 8: Turn-on transient at zero load (10 ms/div). Top Trace: Vout (5V/div).
Bottom Trace: ON/OFF input (5V/div)
Figure 9: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF, 450mΩ ESR tantalum cap and 1µF
ceramic cap. Top trace: Vout (500mv/div), Bottom Trace:Iout (5A/div).
Figure 10: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max): dI/dt = 5A/µs). Load cap: 470µF, 15mΩ ESR tantalum cap and 1µF
ceramic cap. Top trace: Vout (500mv/div), Bottom Trace:Iout (5A/div).
Figure 11: Test set-up diagram showing measurement points for Input Terminal
Ripple Current (Figure 12), Input Reflected Ripple Current (Figure 13) and Output
Voltage Ripple (Figure 14).
Figure 12: Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 10µH source impedance and 47µF electrolytic capacitor
(100mA/div). (See Figure 11).


Similar Part No. - PQ50180HTB10

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
PQ50120HZB55PNS-G SYNQOR-PQ50120HZB55PNS-G Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
More results

Similar Description - PQ50180HTB10

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015SMX25 SYNQOR-PQ60015SMX25 Datasheet
935Kb / 15P
   Delivers up to 37W of output power with minimal derating
logo
Bel Fuse Inc.
SQE48T20033 BEL-SQE48T20033 Datasheet
1Mb / 13P
   Delivers 20 A with no derating up to 70 째C
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
Bel Fuse Inc.
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
   Delivers up to 16 A (58 W)
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
logo
Bel Fuse Inc.
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
   Delivers up to 16 A (88 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com