Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ50180HTB10 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ50180HTB10
Description  Delivers up to 180W of output power with minimal derating
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ50180HTB10 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ50180HTB10 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ50180HTB10 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Technical
Specification
Product # PQ50180HTB10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005486 Rev. B
04/14/10
Page 1
PQ50180HTB10
The PQ50180HPB10 PowerQor Tera half-brick converter
is a next-generation, board-mountable, isolated,
fixed switching frequency DC/DC converter that uses
synchronous rectification to achieve extremely high
conversion efficiency.The Tera series converters offer
the maximum usable output current for a standard
“half-brick” module. RoHS compliant (see last page).
Page No.
MECHANICAL DIAGRAM (base-plated). . . . . . . . . . . . . . . . . . . . . . . . . 2
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-4
Standards and Qualifications. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-6
Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7-9
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-13
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Contents
48V
18V
10A
2000V dc
Half-brick
Input
Output
Current
Isolation
DC-DC Converter
Mechanical Features
• Industry standard pin-out configuration
• Size: 2.3” x 2.4” (58.4 x 61.0mm)
• Total height only 0.50” (12.7mm)
• Total weight: 4.3oz. (123 grams)
Operational Features
• Ultra-high efficiency, 93% at full rated load
• Delivers up to 180W of output power with minimal derating
• Operating input voltage range: 44-52V
• Fixed frequency switching provides predictable EMI performance
Safety Features
Pending
• 2000V, 30MΩ input-to-output isolation
• UL 60950-1 recognized (US & Canada), basic insulation rating
• TUV certified to EN6095-1
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Output current limit and short circuit protection
• Active back bias limit prevents damage to converter from
external load induced pre-bias
• Output over-voltage protection
• Thermal shutdown
Control Features
• On/Off control referenced to input side
(positive and negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage margining
• Output voltage trim range of -20%, +10%


Similar Part No. - PQ50180HTB10

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
PQ50120HZB55PNS-G SYNQOR-PQ50120HZB55PNS-G Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
More results

Similar Description - PQ50180HTB10

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015SMX25 SYNQOR-PQ60015SMX25 Datasheet
935Kb / 15P
   Delivers up to 37W of output power with minimal derating
logo
Bel Fuse Inc.
SQE48T20033 BEL-SQE48T20033 Datasheet
1Mb / 13P
   Delivers 20 A with no derating up to 70 째C
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
Bel Fuse Inc.
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
   Delivers up to 16 A (58 W)
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
logo
Bel Fuse Inc.
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
   Delivers up to 16 A (88 W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com