Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60012EGw20xyz Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60012EGw20xyz
Description  Input under-voltage lockout disables converter at low
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60012EGw20xyz Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60012EGw20xyz Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60012EGw20xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ60012EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG621G Rev. D
04/09/10
Page 2
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.2 V
1.2 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification


Similar Part No. - PQ60012EGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
More results

Similar Description - PQ60012EGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com