Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015EGw20xyS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60015EGw20xyS
Description  Input under-voltage lockout disables converter at low
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EGw20xyS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60015EGw20xyS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015EGw20xyS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015EGw20xyS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015EGw20xyS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015EGw20xyS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EGw20xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EGw20xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EGw20xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EGw20xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T
Technical
echnical
S
Specification
pecification
PQ60012EGL20
PQ60012EGL20
Product # PQ60012EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG621G Rev. D
04/09/10
Page 1
TThhee PPQ
Q6
60
00
01
12
2EEG
GLL2
20
0 PPoow
weerrQ
Qoorr®® G
Giiggaa eeiigghhtthh--bbrriicckk ccoonn--
vveerrtteerr iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd
ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroo--
nnoouuss rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffii--
cciieennccyy.. TThhee ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w
tthhaatt aa hheeaattssiinnkk iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,,
hheeiigghhtt,, aanndd aapppplliiccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll
ccoom
mppoonneennttss aarree m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee
w
wiitthh hhiigghh--yyiieelldd ssuurrffaaccee m
moouunntt tteecchhnnoollooggyy..
SSiinnccee tthhee
PPoow
weerrQ
Qoorr ccoonnvveerrtteerr hhaass nnoo eexxpplliicciitt tthheerrm
maall iinntteerrffaacceess,, iitt iiss
eexxttrreem
meellyy rreelliiaabbllee.. RRooH
HSS ccoom
mpplliiaanntt ((sseeee ppaaggee 1
12
2))..
48V
48V in
in
1.2V
1.2Vout
out
20Amp
20Amp
2000Vdc
2000Vdc
Eighth-brick
Eighth-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• High efficiency, >82% at full rated load current
• Delivers up to 20 amps of output current with minimal
derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and conse-
quent hazardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from dam-
aging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• 2000V, 30 MW input-to-output isolation provides
input/output ground separation
• UL 60950-1 recognized (US & Canada), basic insula-
tion rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flammabil-
ity requirements
Safety Features
Safety Features
• Industry standard eighth-brick pin-out configuration
• Industry standard size: 0.90” x 2.3” (22.9x58.4mm)
• Total height only 0.335” (8.5mm), permits better airflow
and smaller card pitch
• Total weight: 0.68 oz. (19 grams)
• Flanged pins designed to permit surface mount solder-
ing (avoid wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features
PQ60012EGL20 Module


Similar Part No. - PQ60015EGw20xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
More results

Similar Description - PQ60015EGw20xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com