Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60010EMw15xyz Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60010EMw15xyz
Description  Active back bias limit prevents damage to converter from external load induced pre-bias
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60010EMw15xyz Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60010EMw15xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60010EMw15xyz Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.2 V
1.2 V
15 A
15 A (18W)
(18W)
Eighth-brick
Eighth-brick
Product # PQ60012EML15
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EM621E Rev. D
1/22/08
Page 11
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input
System Instability” is available on the SynQor website which
provides an understanding of why this instability arises, and
shows the preferred solution for correcting it.
Application Circuits: Figure D provides a typical circuit dia-
gram which details the input filtering and voltage trimming.
Input Filtering and External Capacitance: Figure E pro-
vides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current,
which otherwise could exceed the rating of an external elec-
trolytic input capacitor. The recommended external input capac-
itance is specified in the “Input Characteristics” section. More
detailed information is available in the application note titled
“EMI Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
C
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on the specifications page).
Electrolytic
Capacitor
47µF


Similar Part No. - PQ60010EMw15xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EMW15XYZ SYNQOR-PQ60010EMW15XYZ Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60010EMw15xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
   Active back bias limit
logo
Delta Electronics, Inc.
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com