Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60012SMw25xyS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60012SMw25xyS
Description  Input under-voltage lockout
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60012SMw25xyS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60012SMw25xyS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60012SMw25xyS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Product # PQ60012SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005219 Rev. C
06/28/11
Page 8
Technical Specification
Input:
Output:
Current:
48V
1.2V
25A
0
5
10
15
20
25
30
25
40
55
70
85
Ambient Air Temperature(°C)
400LFM(2.0m/s)
300LFM(1.5m/s)
200LFM(1.0m/s)
100LFM(0.5 m/S)
Figure 7: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing lenghtwise
from input to output (nominal input voltage).
Figure 8: Thermal plot of converter at 25 amp load current (30W) with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter from
input to output (nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (10 ms/div). Input
voltage pre-applied. Top Trace: Vout (1V/div). Bottom Trace: ON/OFF
input(5V/div)
Figure 10: Turn-on transient at zero load (10 ms/div). Top Trace: Vout (1V/
div). Bottom Trace: ON/OFF input (5V/div)
Figure 11: Output voltage response to step-change in load current (50%-
75%-50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 100µF electrolytic output
capacitance. Top trace: Vout (100mV/div). Bottom trace: Iout (10A/div).
Figure 12: Output voltage response to step-change in load current (50%-
75%-50% of Iout(max): dI/dt = 2A/µs). Load cap: 330µF electrolytic output
capacitance. Top trace: Vout (200mV/div). Bottom trace: Iout (10A/div).


Similar Part No. - PQ60012SMw25xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60012EGL20 SYNQOR-PQ60012EGL20 Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGL25 SYNQOR-PQ60012EGL25 Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60012EGw20xyz SYNQOR-PQ60012EGw20xyz Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
More results

Similar Description - PQ60012SMw25xyS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQB-X0S10 BEL-0RQB-X0S10 Datasheet
980Kb / 26P
   Input Under-Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
0RCY-D4T12H BEL-0RCY-D4T12H Datasheet
623Kb / 17P
   Input Under Voltage Lockout
0RHB-Q2T53 BEL-0RHB-Q2T53 Datasheet
513Kb / 12P
   Input Under-Voltage Lockout
0RQ1-Q2T12P BEL-0RQ1-Q2T12P Datasheet
691Kb / 18P
   Input Under Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com