Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60010EGw20xyz Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60010EGw20xyz
Description  No minimum load requirement means no preload resistors required
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60010EGw20xyz Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60010EGw20xyz Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60010EGw20xyz Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60010EGw20xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60010EGw20xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60010EGw20xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60010EGw20xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60010EGw20xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60010EGw20xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60010EGw20xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ60015EGL25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG651D Rev. B
1/22/08
Page 2
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.5 V
1.5 V
25 A
25 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
MECHANICAL
DIAGRAM
Pin No.
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–)
Negative output voltage
5
SENSE(–)
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. SENSE(–) should be connected to Vout(–) either remotely or at the converter.
2. Leave TRIM pin open for nominal output voltage.
3. SENSE(+) should be connected to Vout(+) either remotely or at the converter.
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter. with 0.080”
(2.03mm) diameter standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100”
(2.54 mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
5) Undimensioned components are shown for visual reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 0.68 oz. (19 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) Modules ordered as an EGA option have different pins to pro-
vide a minimum bottom side clearance of 0.076” while increas-
ing maximum height to 0.424”. See ordering page for more
information.
10) The flanged pins are designed to permit surface mount
soldering (allowing to avoid the wave soldering process)
through the use of the flanged pin-in-paste technique.
0.300
(7.62)
0.600
(15.24)
0.90
(22.9)
0.15
(3.8)
0.150
(3.81)
0.450
(11.43)
0.14
(3.6)
2.30
(58.4)
2.00
(50.8)
Top View
1
8
7
6
5
4
2
3
PIN DESIGNATIONS
Flanged Pin
See Note 10
Side View
Load Board
Bottom side
Clearance
See Note 9
Lowest
Component
0.110
(2.79)
See Note 3
0.019 +0.013
(0.48 +0.33)
Overall height
0.349 +0.015
(8.86 +0.38)
EGA Option
0.424 (10.76)
max height
See Note 9
EGA Option
0.076 (1.93)
min clearance
See Note 9


Similar Part No. - PQ60010EGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
More results

Similar Description - PQ60010EGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com