Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018SMX25 Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ60018SMX25
Description  Industry standard sixteenth-brick pin-out configuration
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018SMX25 Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ60018SMX25 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018SMX25 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018SMX25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018SMX25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018SMX25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018SMX25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018SMX25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018SMX25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018SMX25 Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Product # PQ60018SMx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005161 Rev. C
06/28/11
Page 6
Technical Specification
Input:
Output:
Current:
48V
1.8V
25A
0
5
10
15
20
25
30
25
40
55
70
85
Ambient Air Temperature(°C)
400LFM(2.0m/s)
300LFM(1.5m/s)
200LFM(1.0m/s)
100LFM(0.5 m/S)
2
3
4
5
6
7
8
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
0
2
4
6
8
10
12
0
5
10
15
20
25
Load Current (A)
36 Vin
48 Vin
75 Vin
81
82
83
84
85
86
87
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
Load Current (A)
36 Vin
48 Vin
75 Vin
PQ60018SMx25 Figures
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs. airflow
rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal input
voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 4: Power dissipation at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage).
Figure 5: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing from pin 3 to pin
1 (nominal input voltage).
Figure 6: Thermal plot of converter at 25.0 amp load current (45.0W) with 55°C
air flowing at the rate of 200 LFM. Air is flowing from pin 3 to pin 1 (nominal
input voltage).


Similar Part No. - PQ60018SMX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018SMX25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGL25 SYNQOR-PQ60010EGL25 Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
BQ4H136EEC45 SYNQOR-BQ4H136EEC45 Datasheet
1Mb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com