Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR01MZSJ304 Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # MCR01MZSJ304
Description  Wireless LAN and Bluetooth Module Evaluation Board
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MCR01MZSJ304 Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

  MCR01MZSJ304 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ304 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ304 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ304 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ304 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ304 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ304 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc MCR01MZSJ304 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Mar.31.2016 Ver.1.1
TAIYO YUDEN CO., LTD.
TAIYO YUDEN CO., LTD.
7 / 8
WBSBHVGXG
Ref Name
Description
Value
Parts name and standard
Supplier
C24
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C25
CAPACITOR.
10pF
EMK105 CH100J
TAIYO YUDEN
C26
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C27
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C28
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C29
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C30
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C31
CAPACITOR
10uF
JMK107 BJ106MA
TAIYO YUDEN
C32
CAPACITOR.
10pF
EMK105 CH100J
TAIYO YUDEN
C33
N.M.
C34
N.M.
C35
N.M.
C36
CAPACITOR
0.01uF
EMK105 BJ103KV
TAIYO YUDEN t
C37
INDUCTOR
2.2nH
HK 1005 2N2S
TAIYO YUDEN
C38-C39
N.M.
C40
N.M.
C41
N.M.
C42
N.M.
C43
N.M.
C44-C59
N.M.
L1
CAPACITOR
0.6pF
EVK105 CH0R6BW
TAIYO YUDEN
L2
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
L3-L8
N.M.
R1
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R2
RESISTOR
47ohm
MCR01 MZS J 470
ROHM or equivalent
R3
N.M.
R4
N.M.
R5
N.M
R6
N.M
R7
N.M
R8
N.M
R9
N.M.
R10
N.M.
R11
N.M.
R12
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R13
N.M.
R14
RESISTOR
300kohm
MCR01 MZS J 304
ROHM or equivalent
R15
RESISTOR
100kohm
MCR01 MZS J 104
ROHM or equivalent
R16
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R17
N.M.
R18
RESISTOR
0ohm
MCR01 MZS J 000
ROHM or equivalent
R19
RESISTOR.
22ohm
MCR01 MZS J 220
ROHM or equivalent
R20
RESISTOR.
22ohm
MCR01 MZS J 220
ROHM or equivalent
R21
RESISTOR.
22ohm
MCR01 MZS J 220
ROHM or equivalent
R22
RESISTOR.
22ohm
MCR01 MZS J 220
ROHM or equivalent
R23
RESISTOR.
22ohm
MCR01 MZS J 220
ROHM or equivalent
R24
RESISTOR
22ohm
MCR01 MZS J 220
ROHM or equivalent
R25
RESISTOR
47kohm
MCR01 MZS J 473
ROHM or equivalent
R26
RESISTOR
47kohm
MCR01 MZS J 473
ROHM or equivalent
R27
RESISTOR
47kohm
MCR01 MZS J 473
ROHM or equivalent
R28
RESISTOR
47kohm
MCR01 MZS J 473
ROHM or equivalent
R29
RESISTOR
47kohm
MCR01 MZS J 473
ROHM or equivalent


Similar Part No. - MCR01MZSJ304

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01MZP ROHM-MCR01MZP Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR01MZPD ROHM-MCR01MZPD Datasheet
93Kb / 6P
   Thick film rectangular
MCR01MZPD ROHM-MCR01MZPD Datasheet
81Kb / 6P
   Thick film rectangular
MCR01MZPD100 ROHM-MCR01MZPD100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPD100 ROHM-MCR01MZPD100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR01MZSJ304

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
   Wireless LAN Module Evaluation Board
WYSBHVGXG TAIYO-YUDEN-WYSBHVGXG Datasheet
465Kb / 22P
   Wireless LAN Bluetooth Module
logo
Abracon Corporation
ABBTM-2.4GHZ-EVAL ABRACON-ABBTM-2.4GHZ-EVAL Datasheet
2Mb / 4P
   Bluetooth Module Evaluation Board
01.26.12
logo
Soshin electric Co., Lt...
DBF70B001 SOSHIN-DBF70B001 Datasheet
90Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71A001 SOSHIN-DBF71A001 Datasheet
120Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD960U SOSHIN-HMD960U Datasheet
113Kb / 3P
   2.5GHz Balun for Bluetooth, Wireless LAN and WiMAX
HMD962U SOSHIN-HMD962U Datasheet
118Kb / 3P
   2.5GHz Balun for Bluetooth,Wireless LAN and WiMAX
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com