Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60012EGw25xyz Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60012EGw25xyz
Description  Fixed frequency switching provides predictable EMI performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60012EGw25xyz Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60012EGw25xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60012EGw25xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60012EGw25xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60012EGw25xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60012EGw25xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60012EGw25xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60012EGw25xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60012EGw25xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60012EGw25xyz Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Product # PQ60033EGx20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005349 Rev. A
09/23/09
Page 8
Input:
Output:
Current:
Package:
35-75 V
3.3 V
20 A
Eighth-brick
Technical Specification
Figure 19: Magnitude of incremental output impedance (Zout = vout/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 20: Magnitude of incremental forward transmission (FT = vout/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 21: Magnitude of incremental reverse transmission (RT = iin/iout) for
minimum, nominal, and maximum input voltage at full rated power.
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin) for
minimum, nominal, and maximum input voltage at full rated power.


Similar Part No. - PQ60012EGw25xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60012EGw25xyz SYNQOR-PQ60012EGw25xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60012EGw25xyz SYNQOR-PQ60012EGw25xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60012EGw25xyz SYNQOR-PQ60012EGw25xyz Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60012EGw25xyz SYNQOR-PQ60012EGw25xyz Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
PQ60012EGw25xyz SYNQOR-PQ60012EGw25xyz Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
More results

Similar Description - PQ60012EGw25xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60400HZX15 SYNQOR-PQ60400HZX15 Datasheet
3Mb / 16P
   Fixed frequency switching provides predictable EMI performance
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
   Fixed switching frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com