Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015EGw20xyz Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60015EGw20xyz
Description  Fixed frequency switching provides predictable EMI performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EGw20xyz Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60015EGw20xyz Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015EGw20xyz Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015EGw20xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015EGw20xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015EGw20xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EGw20xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EGw20xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EGw20xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EGw20xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product # PQ60033EGx20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005349 Rev. A
09/23/09
Page 5
Input:
Output:
Current:
Package:
35-75 V
3.3 V
20 A
Eighth-brick
Technical Specification
60
65
70
75
80
85
90
95
0
2
4
6
8
10
12
14
16
18
20
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
84
85
86
87
88
89
90
91
92
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage).
0
1
2
3
4
5
6
7
8
9
10
11
0
2
4
6
8
10
12
14
16
18
20
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
84
85
86
87
88
89
90
91
92
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage).
0
2
4
6
8
10
12
14
16
18
20
0
25
40
55
70
85
Ambient Air Temperature (
oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 5: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 50 LFM through 400 LFM with air flowing across the
converter from pin 3 to pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 19 amp load current (63W) with 55°C air
flowing at the rate of 200 LFM. Air is flowing across the converter from pin 3 to
pin 1 (nominal input voltage).
Semiconductor junction temperature is
within 1°C of surface temperature
Figures


Similar Part No. - PQ60015EGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGw20xy SYNQOR-PQ60015EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60015EGw20xyS SYNQOR-PQ60015EGw20xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
More results

Similar Description - PQ60015EGw20xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60400HZX15 SYNQOR-PQ60400HZX15 Datasheet
3Mb / 16P
   Fixed frequency switching provides predictable EMI performance
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
   Fixed switching frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com