Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60050HZw60xyz-G Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60050HZw60xyz-G
Description  High efficiency, 93% at full rated load current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60050HZw60xyz-G Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60050HZw60xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Input:
35-75V
Output:
5V
Current:
60A
Package:
Half-brick
Product # PQ60050HZx60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005974 Rev. C
12/30/13
Page 8
Input:
35-75V
Output:
5V
Current:
60A
Package:
Half-brick
0
10
20
30
40
50
60
70
25
40
55
70
85
Ambient Air Temperature(°C)
400LFM(2.0m/s)
300LFM(1.5m/s)
200LFM(1.0m/s)
100LFM(0.5 m/S)
Figure 7: Thermal Derating (max output current vs. ambient air temperature)
for airflow rates of 100 LFM through 400 LFM with air flowing lenghtwise from
input to output (nominal input voltage).
Figure 8: Thermal Image of converter at 45A load current (225W) with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter from
input to output (nominal input voltage).
Figure 9: Turn-on Transient at full load (resistive load) (10 ms/div). Input
voltage pre-applied. Top Trace: Vout (2V/div). Bottom Trace: ON/OFF
input(10V/div)
Figure 10: Turn-on Transient at zero load (10 ms/div). Top Trace: Vout (2V/
div). Bottom Trace: ON/OFF input (10V/div)
Figure 11: Output Voltage Response to Step-Change in Load Current (50%-
75%-50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF tantalum output
capacitance. Top trace: Vout (200mV/div). Bottom trace: Iout (20A/div).
Figure 12: Output Voltage Response to Step-Change in Load Current (50%-
75%-50% of Iout(max): dI/dt = 2A/µs). Load cap: 15µF tantalum output
capacitance. Top trace: Vout (500mV/div). Bottom trace: Iout (20A/div).
Technical Figures


Similar Part No. - PQ60050HZw60xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60050HGA30 SYNQOR-PQ60050HGA30 Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30NKF SYNQOR-PQ60050HGA30NKF Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30NKS SYNQOR-PQ60050HGA30NKS Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30NNF SYNQOR-PQ60050HGA30NNF Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30NNS SYNQOR-PQ60050HGA30NNS Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60050HZw60xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Arch Electronics Corp.
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
   High Efficiency up to 93%
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
logo
Arch Electronics Corp.
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com