Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60050HZw60xyz-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60050HZw60xyz-G
Description  High efficiency, 93% at full rated load current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60050HZw60xyz-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60050HZw60xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60050HZw60xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Input:
35-75V
Output:
5V
Current:
60A
Package:
Half-brick
Product # PQ60050HZx60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005974 Rev. C
12/30/13
Page 3
Input:
35-75V
Output:
5V
Current:
60A
Package:
Half-brick
1.90
[48.3 ]
.400 [10.16 ]
1.400
[35.56 ]
.400 [10.16 ]
.700 [17.78 ]
1.000
[25.4 ]
1.400
[35.56 ]
2.386
.020
[60.6
0.5]
.233
.020
[5.92
0.5]
.543
.020
[13.79
0.5]
1.90
[48.3 ]
2.486
.020 [63.14
0.5]
.243
.020
[6.17
0.5]
.243
.020
[6.17
0.5]
2.00 [50.8 ]
+.002
.512 -.005
+0.05
13
[ -0.12 ]
OVERALL
HEIGHT
+.007
.027 -.010
+0.17
0.69
[ -0.25 ]
BOTTOMSIDE CLEARANCE
.163
[4.14 ]
1.00 [25.4 ]
.800 [20.32 ]
1
2
4
5
6
7
8
9
SIDE VIEW
TOP VIEW
3
B
THRU HOLE
M3 (SEE NOTE 8)
STANDOFFS (4)
NOTES
1) Applied torque per screw should not exceed 6in-lb. (0.7 Nm).
2) Baseplate flatness tolerance is 0.004" (.10 mm) TIR for surface.
3) Pins 1-4, 6-8, and B are 0.040” (1.02mm) diameter, with 0.080”
(2.03mm) diameter standoff shoulders.
4) Pins 5 and 9 are 0.080” (2.03 mm) diameter with 0.125”
(3.18 mm) diameter standoff shoulders.
5) All Pins: Material - Copper Alloy; Finish - Matte Tin over Nickel plate
6) Undimensioned components are shown for visual reference only.
7) Weight: 5 oz. (142g) typical
8) Threaded and Non-Threaded options available
9) All dimensions in inches (mm).
Tolerances:
x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
unless otherwise noted.
10) Recommended pin length is 0.03" (0.76 mm) greater than the PCB
thickness.
11) Workmanship: Meets or exceeds IPC-A-610C Class II
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter on and off,
referenced to Vin(–), with internal pull up.
B
SHARE(+)
Active current share differential pair
(See note 4)
3
SHARE(-)
4
Vin(–)
Negative input voltage
5
Vout(–)
Negative output voltage
6
SENSE(–)
Negative remote sense (See note 1)
7
TRIM
Output voltage trim (See note 2)
8
SENSE(+)
Positive remote sense (See note 3)
9
Vout(+)
Positive output voltage
Notes:
1)
SENSE(–) should be connected to Vout(–) either remotely or at the converter.
2)
Leave TRIM pin open for nominal output voltage.
3)
SENSE(+) should be connected to Vout(+) either remotely or at the converter.
4)
Full-Featured option only. Pin 3 and Pin B not populated on standard model.
Encased Mechanical
Mechanical Information


Similar Part No. - PQ60050HZw60xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60050HGA30 SYNQOR-PQ60050HGA30 Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30NKF SYNQOR-PQ60050HGA30NKF Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30NKS SYNQOR-PQ60050HGA30NKS Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30NNF SYNQOR-PQ60050HGA30NNF Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050HGA30NNS SYNQOR-PQ60050HGA30NNS Datasheet
1,016Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60050HZw60xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Arch Electronics Corp.
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
   High Efficiency up to 93%
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
logo
Arch Electronics Corp.
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com