Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60025EGw25xyz Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60025EGw25xyz
Description  Fixed frequency switching provides predictable EMI performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EGw25xyz Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60025EGw25xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025EGw25xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EGw25xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EGw25xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EGw25xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60025EGw25xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60025EGw25xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60025EGw25xyz Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60025EGw25xyz Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Technical
Specification
PQ60033EGx20
Product # PQ60033EGx20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005349 Rev. A
09/23/09
Page 9
BASIC OPERATION AND FEATURES
The PowerQor series converter uses a two-stage power conversion
topology. The first stage is a buck-converter that keeps the output
voltage constant over variations in line, load, and temperature.
The second stage uses a transformer to provide the functions of
input/output isolation and voltage step-down to achieve the low
output voltage required.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the trans-
former’s output is accomplished with synchronous rectifiers. These
devices, which are MOSFETs with a very low on-state resistance,
dissipate far less energy than Schottky diodes. This is the primary
reason that the PowerQor converter has such high efficiency, even
at very low output voltages and very high output currents.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not required,
the PowerQor converter does not need a metal baseplate or
potting material to help conduct the dissipated energy to the
heatsink. The PowerQor converter can thus be built more simply
and reliably using high yield surface mount techniques on a PCB
substrate.
The PowerQor series of eighth-brick, quarter-brick and half-brick
converters uses the industry standard footprint and pin-out con-
figuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). There are
two versions of the converter that differ by the polarity of the logic
used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(a high turns the converter on). In the negative logic version, the
ON/OFF signal is active low (a low turns the converter on). Figure
A details five possible circuits for driving the ON/OFF pin. Figure
B is a detailed look of the internal ON/OFF circuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be con-
nected to Vout(-) at the point on the board where regulation is
desired. A remote connection at the load can adjust for a voltage
drop only as large as that specified in this datasheet, that is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 7 and 5 must be connected for proper regulation of the out-
put voltage. If these connections are not made, the converter will
deliver an output voltage that is slightly higher than its specified
value.
Note: The output over-voltage protection circuit senses the volt-
age across the output (pins 8 and 4) to determine when it should
trigger, not the voltage across the converter’s sense leads (pins
7 and 5). Therefore, the resistive drop on the board should be
small enough so that output OVP does not trigger, even during
load transients.
Open Collector Enable Circuit
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
Vin(_
)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
TTL
5V
50k
274k
50k
ON/OFF
Vin(_)
Vin(+)
100pF
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
Applications Section


Similar Part No. - PQ60025EGw25xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGw25xyz-G SYNQOR-PQ60025EGw25xyz-G Datasheet
2Mb / 14P
   Protection from permanent damage and hazardous conditions
More results

Similar Description - PQ60025EGw25xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60400HZX15 SYNQOR-PQ60400HZX15 Datasheet
3Mb / 16P
   Fixed frequency switching provides predictable EMI performance
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
   Fixed switching frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com