Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120SMw04xyS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60120SMw04xyS
Description  Fixed frequency switching provides predictable EMI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120SMw04xyS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60120SMw04xyS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120SMw04xyS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Product # PQ60120SMx04
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005169 Rev. D
11/13/15
Page 4
Technical Specification
Input:
Output:
Current:
48V
12V
4A
PQ60120SML04 ELECTRICAL CHARACTERISTICS
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C ambient temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient
Isolation Voltage
Input to Output
2250
V dc
Input to output
Operating Temperature
-40
100
°C
Storage Temperature
-45
125
°C
Voltage at ON/OFF input pin
-2
8
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.2
32.5
33.8
V
Turn-Off Voltage Threshold
28.9
30.5
32.2
V
Lockout Voltage Hysteresis
2.0
V
Maximum Input Current
1.7
A
100% Load, Vin min, nominal Vout
No-Load Input Current
0
60
80
mA
Disabled Input Current
10
14
mA
Response to Input Transient
90
mV
1000V/ms input transient
Input Reflected Ripple Current
3
mA
RMS thru 10μH inductor; Figures 13 & 15
Input Terminal Ripple Current
45
mA
RMS; Figures 13 & 14
Recommended Input Fuse
20
A
Recommended External Input Capacitance
100
µF
Typical ESR 0.1-0.2 Ω
Input Filter Component Values (L\C)
1.0/2.35
µH/µF Internal values; see Figure E
OUTPUT CHARACTERISTICS
Output Voltage Set Point
11.88
12
12.12
V
Output Voltage Regulation
Over Line
±0.1/12
+0.30/36
%mV
Over Load
±0.1/12
+0.3/36
%mV
Over Temperature
-180
180
mV
Total Output Voltage Range
11.700
12.300
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20 MHz bandwidth; Figures 13 & 16; see Note 1
Peak-to-Peak
50
100
mV
Full load
RMS
10
20
mV
Full load
Operating Output Current Range
0
4
A
Subject to thermal derating; Figures 5 - 8
Output DC Current-Limit Inception
4.4
4.9
5.2
A
Figure 17
Back-Drive Current Limit while Enabled
2.5
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
2
mA
Negative current drawn from output
Maximum Output Capacitance Ceramic
1.2
mF
Vout nominal at full load (resistive load); See Note 2
EFFICIENCY
100% Load
87
%
See Figure 1 for efficiency curve
50% Load
85
%
See Figure 1 for efficiency curve
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (email: support@synqor.com)
Note 2: Recommended minimum output capacitance is 100uF


Similar Part No. - PQ60120SMw04xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EGA07NKS SYNQOR-PQ60120EGA07NKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NNS SYNQOR-PQ60120EGA07NNS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NRS SYNQOR-PQ60120EGA07NRS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NYS SYNQOR-PQ60120EGA07NYS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07PKS SYNQOR-PQ60120EGA07PKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60120SMw04xyS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60033EGX20 SYNQOR-PQ60033EGX20 Datasheet
1Mb / 13P
   Fixed frequency switching provides predictable EMI performance
PQ60400HZX15 SYNQOR-PQ60400HZX15 Datasheet
3Mb / 16P
   Fixed frequency switching provides predictable EMI performance
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
   Fixed switching frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com