Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60150EKw03xyz Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60150EKw03xyz
Description  Thermal shutdown protects converter from abnormal environmental conditions
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60150EKw03xyz Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60150EKw03xyz Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60150EKw03xyz Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60150EKw03xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60150EKw03xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60150EKw03xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60150EKw03xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60150EKw03xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60150EKw03xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60150EKw03xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
35-75V
15V
3.3A
PQ60150EKx03
Product # PQ60150EKx03
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005265 Rev. A
08/20/09
Page 5
Input:
Output:
Current:
Part No.:
35-75V
15V
3.3A
PQ60150EKx03
Technical Specification
PQ60150EKx03Electrical Characteristics (Continued)
Ta=25°C, airflow rate=300LFM, Vin=48V dc unless otherwise noted; full operating temperature range is -40°C to +100°C baseplate temperature with
appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
55
dB
120Hz
Output Voltage during Load Current Transient
See Note 3
Step Change in Output Current (0.1A/µs)
320
mV
50% to 75% to 50% Iout max; Figure 11
Step Change in Output Current (1A/µs)
130
mV
50% to 75% to 50% Iout max; Figure 12
Settling time
150
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
25
ms
Full load, Vout=90% nom; Figures 9 & 10
Start-Up Inhibit Time
180
200
240
ms
-40°C to 125°C; Figure F
Output Voltage Overshoot
0
%
Maximum Output Capacitance,Iout=0A
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
See Absolute Maximum Ratings
Isolation Resistance
30
Isolation Capacitance (input to output)
1000
pF
See Note 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
FEATURE CHARACTERISTICS
Switching Frequency
360
400
440
kHz
ON/OFF Control (Option P)
Off-State Voltage
0
0.8
V
On-State Voltage
2
13.5
V
ON/OFF Control (Option N)
Off-State Voltage
2
13.5
V
On-State Voltage
0
0.8
V
ON/OFF Control (Either Option)
Application notes; Figures A & B
Pull-Up Voltage
5
6
V
Pull-Up Resistance
10
Output Voltage Trim Range
-10
10
%
Measured across Pins 8 & 4; Figure C
Output Voltage Remote Sense Range
10
%
Measured across Pins 8 & 4
Output Over-Voltage Protection
125
%
Full Load; % of nominal Vout
Over-Temperature Shutdown
125
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.5
106 Hrs. TR-NWT-000332; 80% load, 300LFM, 40°C Ta
Calculated MTBF (MIL-217)
1.1
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40°C Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
Note 1: The UVLO values represented here are typical of lighter load conditions. The unit may shut down under high load conditions before the typical
UVLO limits.
Note 2: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 3: The module requires a minimum amount of capacitance (100μF) in order to ride through a No Load to Full Load transient (0.1A/μs) without
shutdown.
Note 4: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60150EKw03xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60150EGA05NKS SYNQOR-PQ60150EGA05NKS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
PQ60150EGA05NNS SYNQOR-PQ60150EGA05NNS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
PQ60150EGA05NRS SYNQOR-PQ60150EGA05NRS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
PQ60150EGA05NYS SYNQOR-PQ60150EGA05NYS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
PQ60150EGA05PKS SYNQOR-PQ60150EGA05PKS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60150EKw03xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
logo
Maxim Integrated Produc...
MAX14915EVKIT MAXIM-MAX14915EVKIT Datasheet
1Mb / 13P
   Open-wire, Overload, Undervoltage, Overcurrent, Thermal Shutdown Fault Conditions Indication
Rev 0; 9/18
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
EV-VN7140AJ STMICROELECTRONICS-EV-VN7140AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com