Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60150SMX03 Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60150SMX03
Description  Output current limit and short circuit protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60150SMX03 Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60150SMX03 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60150SMX03 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60150SMX03 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60150SMX03 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60150SMX03 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60150SMX03 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60150SMX03 Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60150SMX03 Datasheet HTML 14Page - SynQor Worldwide Headquarters PQ60150SMX03 Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Technical
Specification
PQ60150SMx03
Product # PQ60150SMx03
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005168 Rev. C
06/28/11
Page 11
BASIC OPERATION AND FEATURES
This converter switches at a fixed frequency for predictable
EMI performance. Rectification of the transformer’s output is
accomplished with synchronous rectifiers. These devices, which
are MOSFETs with a very low on-state resistance, dissipate far
less energy than Schottky diodes. This is the primary reason
that the converter has such high efficiency, even at very low
output voltages and very high output currents.
These converters are offered totally encased to withstand harsh
environments and thermally demanding applications. Dissipation
throughout the converter is so low that it does not require a
heatsink for operation in many applications; however, adding
a heatsink provides improved thermal derating performance in
extreme situations.
This series of converters uses the industry standard footprint
and pin-out configuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input
is referenced to the return terminal of the input bus, Vin(-).
The ON/OFF signal is active low (meaning that a low turns the
converter on). Figure A details four possible circuits for driving
the ON/OFF pin. Figure B is a detailed look of the internal ON/
OFF circuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be
connected to Vout(-) at the point on the board where regulation
is desired. A remote connection at the load can adjust for a
voltage drop only as large as that specified in this datasheet,
that is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 7 and 5 must be connected for proper regulation of
the output voltage. If these connections are not made, the
converter will deliver an output voltage that is slightly higher
than its specified value.
Note: the output over-voltage protection circuit senses the
voltage across the output (pins 8 and 4) to determine when
it should trigger, not the voltage across the converter’s sense
leads (pins 7 and 5). Therefore, the resistive drop on the board
should be small enough so that output OVP does not trigger,
even during load transients.
Figure B: Internal ON/OFF pin circuitry
Figure A: Various circuits for driving the ON/OFF pin.
Open Collector Enable Circuit
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
Vin(_
)
TTL
5V
50k
10k
ON/OFF
Vin(_)
1000pF
Application Section


Similar Part No. - PQ60150SMX03

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60150EGA05NKS SYNQOR-PQ60150EGA05NKS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
PQ60150EGA05NNS SYNQOR-PQ60150EGA05NNS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
PQ60150EGA05NRS SYNQOR-PQ60150EGA05NRS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
PQ60150EGA05NYS SYNQOR-PQ60150EGA05NYS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
PQ60150EGA05PKS SYNQOR-PQ60150EGA05PKS Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60150SMX03

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
logo
Texas Instruments
PT4244N TI-PT4244N Datasheet
386Kb / 9P
[Old version datasheet]   10W Output Power, Short-Circuit Protection, Output Current Limit
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
Texas Instruments
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com