Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60240HZw25xyz-G Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60240HZw25xyz-G
Description  No minimum load requirement means no preload resistors required
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60240HZw25xyz-G Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60240HZw25xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Product # PQ60240HZx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005987 Rev. D
03/04/14
Page 7
Input:
35-75V
Output:
24V
Current:
25A
Package:
Half-brick
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
Load Current (A)
35 Vin
48 Vin
75 Vin
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
Load Current (A)
35 Vin
48 Vin
75 Vin
60
65
70
75
80
85
90
95
100
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
Semiconductor junction temperature is
within 1°C of surface temperature
0
10
20
30
40
50
60
70
80
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
0
5
10
15
20
25
30
25
40
55
70
85
Ambient Air Temperature(°C)
400LFM(2.0m/s)
300LFM(1.5m/s)
200LFM(1.0m/s)
100LFM(0.5 m/S)
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs. airflow
rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal input
voltage).
Figure 3: Power Dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 4: Power Dissipation at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nominal
input voltage).
Figure 5: Thermal Derating (max output current vs. ambient air temperature)
for airflow rates of 100 LFM through 400 LFM with air flowing from pin 4 to pin
1 (nominal input voltage).
Figure 6: Thermal Image of converter at 13.9 amp load current (333.6W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing from pin 4 to pin 1
(nominal input voltage).
Technical Figures
Technical Figures


Similar Part No. - PQ60240HZw25xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60240HZw25xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com