Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60240HZw25xyz-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60240HZw25xyz-G
Description  No minimum load requirement means no preload resistors required
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60240HZw25xyz-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60240HZw25xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60240HZw25xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product # PQ60240HZx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005987 Rev. D
03/04/14
Page 1
Technical
Specification
PQ60240HZx25
Contents
Operational Features
• High efficiency, 94% at full rated load current
• Delivers up to 25A of output current (600W)
• Input voltage range: 35-75V
• Fixed frequency switching provides predictable EMI performance
• No minimum load requirement means no preload resistors required
• Wide output voltage trim range (-50%, +10%), see trim section
• Optional: Active current share for parallel applications
Protection Features
• Input under-voltage lockout disables converter at low Vin conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and
consequent hazardous conditions
• Active back bias limit provides smooth startup with
external load induced pre-bias
• Auto-recovery output over-voltage protection protects load from
damaging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
PQ60240HZx25 Model
Mechanical Features
• Industry standard half-brick pin-out configuration
• Size: 2.30" x 2.40" x 0.428", 58.4 x 61.0 x 10.9 mm
• Total weight: 2.6 oz. (75 g)
The PQ60240HZx25 PowerQor Zeta Half-brick
converter is a next-generation, board-mountable,
isolated, fixed switching frequency DC/DC converter.
The Zeta series offers industry leading power density
for standard isolated DC/DC converters with both a
wide input range and a tightly regulated output. This
module supplies an isolated step down voltage from
35-75V to 24V and is available in openframe and
encased versions. RoHS Compliant (see last page).
Safety Features
• UL 60950-1:R2011-12
• EN60950-1/A12:2011
• CAN/CSA-C22.2 No. 60950-1/A1:2011
Page No.
Mechanical Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Standards & Qualifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Technical Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Applications Section. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Control Features
• On/Off control referenced to input side
(positive and negative logic options are available)
• Remote sense for the output voltage
35-75V
100V
24V
600W
2250V dc
Half-brick
Input
Transient Input
Output
Max Power
Isolation
DC-DC Converter


Similar Part No. - PQ60240HZw25xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60240HZw25xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
Minmax Technology Co., ...
MIW03 MINMAX-MIW03 Datasheet
482Kb / 5P
   No Minimum Load Requirement
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com