Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60280HZX22 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60280HZX22
Description  High efficiency, 94% at full rated load current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280HZX22 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60280HZX22 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60280HZX22 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60280HZX22 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280HZX22 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280HZX22 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280HZX22 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280HZX22 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280HZX22 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280HZX22 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Product # PQ60280HZx22
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005788 Rev. D
12/26/13
Page 4
Input:
35-75V
Output:
28V
Current:
21.5A
Package:
Half-brick
Electrical Characteristics
PQ60280HZx22 Electrical Characteristics
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
-1
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
1 s transient, square wave
Isolation Voltage
Input to Output
2250
V
Operating Temperature
-40
100
°C
Storage Temperature
-45
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32.0
33.0
34.0
V
Turn-Off Voltage Threshold
30.0
31.0
32.0
V
Lockout Voltage Hysteresis
1.5
2.0
2.5
V
Maximum Input Current
21
A
100% Load, 35V Vin, trimmed up 10%
No-Load Input Current
180
230
mA
Disabled Input Current (Option N)
5
8
mA
Disabled Input Current (Option P)
20
30
40
mA
Response to Input Transient
4
V
0.50V/μs input transient, full load, 100μF load cap
Input Reflected Ripple Current
30
mA
RMS thru 4.7μH inductor
Input Terminal Ripple Current
250
mA
RMS
Recommended Input Fuse
40
A
Fast acting external fuse recommended
Recommended External Input Capacitance
220
µF
Typical ESR 0.1-0.2Ω; Figure 13
Input Filter Component Values (L\C)
0.75\11
µH\µF Internal values
OUTPUT CHARACTERISTICS
Output Voltage Set Point
27.16
28.00
28.84
V
Output Voltage Regulation
Over Line
±0.25
%
See note 1
Over Load
±0.25
%
See note 1
Over Temperature
-420
420
mV
Total Output Voltage Range
27.30
28.70
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20MHz bandwidth; see Note 2
Peak-to-Peak
170
340
mV
Full load
RMS
45
90
mV
Full load
Operating Output Current Range
0
21.5
A
Subject to thermal derating
Output DC Current-Limit Inception
23.0
25.0
27.5
A
Output Voltage 10% Low
Output DC Current-Limit Shutdown Voltage
11.2
V
See note 3
Back-Drive Current Limit while Enabled
7
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0
3
4
mA
Negative current drawn from output
Maximum Output Capacitance Electrolytic
5
mF
Nominal Vout at full load (resistive load)
EFFICIENCY
100% Load
94
%
Figures 1 - 2
50% Load
95
%
Figures 1 - 2
Technical Specifications


Similar Part No. - PQ60280HZX22

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HEA13 SYNQOR-PQ60280HEA13 Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKH SYNQOR-PQ60280HEA13NKH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKS SYNQOR-PQ60280HEA13NKS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNH SYNQOR-PQ60280HEA13NNH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNS SYNQOR-PQ60280HEA13NNS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60280HZX22

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
   High efficiency, 93% at full rated load current
logo
Bel Fuse Inc.
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
logo
Vicor Corporation
BCM48BX040Y200B00 VICOR-BCM48BX040Y200B00 Datasheet
890Kb / 20P
   High efficiency (>94%) reduces system
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
   Very high efficiency, typ. 97% at half load
logo
E-Tech Electronics LTD
GL1147-50 ETL-GL1147-50 Datasheet
229Kb / 3P
   1.4Vmaximum dropout full load current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com