Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60400HZw15xyz-G Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60400HZw15xyz-G
Description  Fixed frequency switching provides predictable EMI performance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60400HZw15xyz-G Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60400HZw15xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60400HZw15xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Input:
35-75V
Output:
40V
Current:
15A
Package:
Half-brick
Product # PQ60400HZx15
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005988 Rev. D
03/04/14
Page 5
Input:
35-75V
Output:
40V
Current:
15A
Package:
Half-brick
PQ60400HZx15 Electrical Characteristics (continued)
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48V dc unless otherwise noted; full operating temperature range is -40 °C to +100 °C baseplate temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
DYNAMIC CHARACTERISTICS
Output Voltage during Load Current Transient
Step Change in Output Current (0.1A/µs)
1.75
V
50% to 75% to 50% Iout max, 1µF load cap
Step Change in Output Current (2A/µs)
1.2
V
50% to 75% to 50% Iout max, 100µF load cap
Settling time
500
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
15
25
35
ms
Vout=90% nom, Figures 9 & 10; see note 5
Output Voltage Overshoot
2
%
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2250
V
See Absolute Maximum Ratings
Isolation Resistance
30
Isolation Capacitance (input to output)
1000
pF
See Note 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
FEATURE CHARACTERISTICS
Switching Frequency Regulation Stage
230
240
250
kHz
Switching Frequency Isolation Stage
115
120
125
kHz
ON/OFF Control (Option P)
Off-State Voltage
-2.0
0.8
V
On-State Voltage
2.4
18.0
V
ON/OFF Control (Option N)
Off-State Voltage
2.4
18.0
V
On-State Voltage
-2.0
0.8
V
ON/OFF Control (Either Option)
Application notes; Figures A & B
Pull-Up Voltage
15
18
V
Pull-Up Resistance
49.9
Output Voltage Trim Range
-50
10
%
Measured across Pins 8 & 6; Figure C
Output Over-Voltage Protection
118
123
128
%
Over Full Temperature Range; % of nominial Vout
Over-Temperature Shutdown
125
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.1
106 Hrs. TR-NWT-000332; 80% load, 300LFM, 40°C Ta
Calculated MTBF (MIL-217)
1.9
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40°C Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
Note 1: Line and load regulation is limited by duty cycle quantization and does not indicate a shift in the internal voltage reference.
Note 2: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 3: If the output voltage falls below the Output DC Current Limit Shutdown Voltage for more than 50ms, then the unit will enter into hiccup mode,
with a 500ms off-time.
Note 4: Higher values of isolation capacitance can be added external to the module.
Note 5: Additional 25ms between enable and start of Turn-On time for N logic full-featured units to set up communication.
Electrical Characteristics
Technical Specifications


Similar Part No. - PQ60400HZw15xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60480QTA03 SYNQOR-PQ60480QTA03 Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
PQ60480QTA03NKS SYNQOR-PQ60480QTA03NKS Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
PQ60480QTA03NNS SYNQOR-PQ60480QTA03NNS Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
PQ60480QTA03NRS SYNQOR-PQ60480QTA03NRS Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
PQ60480QTA03NYS SYNQOR-PQ60480QTA03NYS Datasheet
536Kb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60400HZw15xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033EGX20 SYNQOR-PQ60033EGX20 Datasheet
1Mb / 13P
   Fixed frequency switching provides predictable EMI performance
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
   Fixed switching frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com