Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD521GOFJ Datasheet(PDF) 5 Page - Rohm

Part # BD521GOFJ
Description  AC/DC controller IC for LED lighting
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD521GOFJ Datasheet(HTML) 5 Page - Rohm

  BD521GOFJ Datasheet HTML 1Page - Rohm BD521GOFJ Datasheet HTML 2Page - Rohm BD521GOFJ Datasheet HTML 3Page - Rohm BD521GOFJ Datasheet HTML 4Page - Rohm BD521GOFJ Datasheet HTML 5Page - Rohm BD521GOFJ Datasheet HTML 6Page - Rohm BD521GOFJ Datasheet HTML 7Page - Rohm BD521GOFJ Datasheet HTML 8Page - Rohm BD521GOFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
BD521GOFJ
Block Diagram
Starter
VCC (2)
Vin
LOGIC
12V
Clamper
200ns
L.E.B.
150us
Mask
S
R
Q
RS
TSD
VCCUVLO
VCCRECHG
VCCOVP
OCP
NOUT
ZTCOMP
NOUT
STARTCOMP
Max
Freq.
Power
Supply
VCCUVLO
VREF4V
VREF4V
R2
DRIVER
ZT (1)
GND (7)
0.8V
13V/
8.7V
13.5V/
8.2V
27.5V/
23.5V
110mV/
200mV
1MΩ
2.95V
Istart1=0.35mA
Istart2=6mA
Istart3=6uA
CHG (3)
R1
F1
CIN
C1
C3
D1
L2
CO
LED+
LED-
EAMP
0.6V
COMP (6)
OSC
C2
D2
LPF (8)
RO
R3
CB
L1
DA1
R4
ROUT
DOUT
Q1
OUT (4)
CS (5)
DZ2
Q2
DZ1
Figure 4. Block Diagram
5/16
TSZ02201-0F4F0C300100-1-2
20.Apr.2016 Rev.002
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001


Similar Part No. - BD521GOFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5210 ROHM-BD5210 Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
BD5210-2C ROHM-BD5210-2C Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5210-2M ROHM-BD5210-2M Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
BD5210G-1TR ROHM-BD5210G-1TR Datasheet
1Mb / 22P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
BD5210G-2C ROHM-BD5210G-2C Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
More results

Similar Description - BD521GOFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
BM521Q25F ROHM-BM521Q25F Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting Included 650V MOSFET
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Rohm
BD555BKFV ROHM-BD555BKFV_13 Datasheet
592Kb / 16P
   AC/DC Controller IC
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
logo
Rohm
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
   PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com