Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1754HFN Datasheet(PDF) 10 Page - Rohm

Part # BD1754HFN
Description  Constant Current LED Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Datasheet(HTML) 10 Page - Rohm

Back Button BD1754HFN_15 Datasheet HTML 6Page - Rohm BD1754HFN_15 Datasheet HTML 7Page - Rohm BD1754HFN_15 Datasheet HTML 8Page - Rohm BD1754HFN_15 Datasheet HTML 9Page - Rohm BD1754HFN_15 Datasheet HTML 10Page - Rohm BD1754HFN_15 Datasheet HTML 11Page - Rohm BD1754HFN_15 Datasheet HTML 12Page - Rohm BD1754HFN_15 Datasheet HTML 13Page - Rohm BD1754HFN_15 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/17
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
10.Dec.2015 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
(3) Circuit example when the EN pin is powered ON at all times
Rs
IN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
0.1µF
Cs
L4
L3
(When
ILED-max=32mA)
120k
Ω
CIN
RISET
Figure 15. Circuit example when the EN Pin is Powered ON at all times
This figure shows a circuit example when the EN pin is powered ON at all times. To prevent a rush current from
occurring in the driver, it is necessary to apply voltage to the IN pin and the LEDs prior to powering the current driver
ON. Mount an RC filter between the IN and the EN pins to delay the EN pin rising against the power-supply voltage
rising. Determine the resistance value with which the LED current value is maximized and then connect such resistor
between the ISET and the GND pins.
(4) Circuit example when performing a PWM brightness control
IN
ISET
GND
Current
DAC
UPIC
6
EN
L2
L1
0.1µF
PWM
1M
Ω
120k
Ω
L4
L3
CIN
RISET
Figure 16. Circuit example when performing a PWM brightness control
This figure shows a circuit example when performing a PWM brightness control. Through switching the ISET resistance
value by the PWM input signal, the LED current is outputted under a PWM mode. The EN signal is controlled by an
applied voltage level. In the circuit example shown above, the LED current value is changed to 3.43 mA in 0 % of the
PWM duty cycle, 17.72 mA in 50 % of that and 32 mA in 100 % of that.


Similar Part No. - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results

Similar Description - BD1754HFN_15

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com