Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2606MVV Datasheet(PDF) 7 Page - Rohm

Part # BD2606MVV
Description  6-Channel Charge Pump White LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2606MVV Datasheet(HTML) 7 Page - Rohm

Back Button BD2606MVV Datasheet HTML 3Page - Rohm BD2606MVV Datasheet HTML 4Page - Rohm BD2606MVV Datasheet HTML 5Page - Rohm BD2606MVV Datasheet HTML 6Page - Rohm BD2606MVV Datasheet HTML 7Page - Rohm BD2606MVV Datasheet HTML 8Page - Rohm BD2606MVV Datasheet HTML 9Page - Rohm BD2606MVV Datasheet HTML 10Page - Rohm BD2606MVV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/16
BD2606MVV
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
10.Dec.2015 Rev.002
TSZ02201-0G3G0C200400-1-2
SDA
EN
SCL
I
2C Interface Buffer
VEN
VEN
SDA
SCL
tSU;DAT
tLOW
S
Sr
P
S
tBUF
tHD;STA
tSU;STA
tHIGH
tHD;STA
tf
tHD;DAT
tSU;STO
tr
Application Information
1. Description of Operations
(1) LED Driver
(a) I2C BUS Interface
BD2606MVV can control the LED ON/OFF, brightness and charge pump switching frequency by writing to the
register via the I2C BUS interface. Control by the I2C BUS
interface is effective when EN is at ‘H’ level. When EN
is at ‘L’ level, this LSI is completely shut down and the control and associated functions via the I2C BUS interface
are all stopped.
As shown in Figure 12 below, the I2C BUS interface of BD2606MVV operates using the VEN voltage (buffering the
EN pin voltage) as supply voltage.
For this reason, it is desirable that the ‘H’ voltage in the I2C BUS interface is
equal to the EN pin voltage.
Figure 12. I2C BUS Interface Buffer
Figure 13. I2C BUS Interface Timing
BD2606MVV operates as a slave device for the I2C BUS interface.
 Slave Address
A7
A6
A5
A4
A3
A2
A1
R/W
1
1
0
0
1
1
0
1/0
 Data Format
The data format is shown below.
Write format:
S
W As
As Sr
R As
As
P
One-byte register data
7 bit
8 bit
7 bit
8 bit
Slave address
One-byte register
address
Slave address
Or
S
W As
As
As
P
One-byte register
address
One-byte register data
7 bit
Slave address
8 bit
8 bit
Read format:
S
W As
As
Sr
R As
Am
P
One-byte register
address
Slave address
One-byte register data
Slave address
8 bit
7 bit
7 bit
8 bit
(Note)
S: Start condition
W: ‘0=Write
R: ‘1=Read
As: Acknowledge (slave -> master)
Am: No acknowledge
Sr: Repeated start condition
P: Stop condition


Similar Part No. - BD2606MVV

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD2626 BEREX-BD2626 Datasheet
822Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
logo
Inchange Semiconductor ...
BD263 ISC-BD263 Datasheet
187Kb / 2P
   isc Silicon NPN Darlingtion Power Transistor
logo
Rohm
BD26502GUL ROHM-BD26502GUL Datasheet
744Kb / 40P
   7x17(Max.) Dot Matrix LED Display Driver
More results

Similar Description - BD2606MVV

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com