Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7710GWL-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD7710GWL-E2
Description  1.5A LED Camera Flash Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7710GWL-E2 Datasheet(HTML) 3 Page - Rohm

  BD7710GWL-E2 Datasheet HTML 1Page - Rohm BD7710GWL-E2 Datasheet HTML 2Page - Rohm BD7710GWL-E2 Datasheet HTML 3Page - Rohm BD7710GWL-E2 Datasheet HTML 4Page - Rohm BD7710GWL-E2 Datasheet HTML 5Page - Rohm BD7710GWL-E2 Datasheet HTML 6Page - Rohm BD7710GWL-E2 Datasheet HTML 7Page - Rohm BD7710GWL-E2 Datasheet HTML 8Page - Rohm BD7710GWL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3/36
Datasheet
Datasheet
BD7710GWL
TSZ02201-0F2F0C200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
20.May.2013 Rev.003
www.rohm.com
TSZ22111・15・001
Terminals
No.
Pin Name
In/
Out
Pin circuit
diagram
ESD Diode
Description
For
Power
For
GND
A1
NC
-
-
-
-
Non connect pin
A2
VOUT
Out
D
-
GND
Output voltage.
A3
GND
-
G
VBAT
-
Ground
A4
GND
-
G
VBAT
-
Ground
B1
SDA
In/
Out
I
VBAT
GND
Serial interface address/data line.
B2
SCL
In
H
VBAT
GND
Serial interface clock line.
B3
RESETB
In
A
VBAT
GND
Master hardware reset input.
B4
STRB0
In
A
VBAT
GND
LED 1/2/3 enable logic input.
C1
SW
In
E
-
GND
Inductor connection.
C2
SW
In
E
-
GND
Inductor connection.
C3
TX_MASK
In
A
VBAT
GND
LED Current control input with RF PA synchronization.
C4
TS
In
B
VBAT
GND
NTC resistor connection.
D1
PGND
-
G
VBAT
-
Power ground.
D2
PGND
-
G
VBAT
-
Power ground.
D3
STRB1
In
A
VBAT
GND
LED 1/2/3 enable logic input.
D4
NC
-
-
-
-
Non connect pin
E1
LED2
In
C
-
GND
LED2 driver output.
E2
LED1
In
C
-
GND
LED1 driver output.
E3
LED3
In
C
-
GND
LED3 driver output.
E4
VBAT
In
F
-
GND
Battery connection.
Total 20 pin


Similar Part No. - BD7710GWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7700GU ROHM-BD7700GU Datasheet
295Kb / 5P
   Silicon Monolithic Integrated Circuit
BD7700GU ROHM-BD7700GU Datasheet
299Kb / 13P
   Charge Pump type for Flash
BD7700GU-E2 ROHM-BD7700GU-E2 Datasheet
299Kb / 13P
   Charge Pump type for Flash
BD7700GU ROHM-BD7700GU_11 Datasheet
299Kb / 13P
   Charge Pump type for Flash
logo
Micro Commercial Compon...
BD772-GR MCC-BD772-GR Datasheet
383Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
More results

Similar Description - BD7710GWL-E2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 1.5A Current Source Camera Flash LED Driver
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
   320mA LED Camera Flash Driver
logo
Texas Instruments
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
logo
Rohm
BD7757MWX ROHM-BD7757MWX Datasheet
1Mb / 28P
   1.5A LED Camera Flash Driver Synchronous Rectification Step-Up DC/DC
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
   Programmable 300mA Camera Flash LED Driver
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com