Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8119FM-M Datasheet(PDF) 2 Page - Rohm

Part # BD8119FM-M
Description  White Backlight LED Driver For Medium to Large LCD Panels
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8119FM-M Datasheet(HTML) 2 Page - Rohm

  BD8119FM-M Datasheet HTML 1Page - Rohm BD8119FM-M Datasheet HTML 2Page - Rohm BD8119FM-M Datasheet HTML 3Page - Rohm BD8119FM-M Datasheet HTML 4Page - Rohm BD8119FM-M Datasheet HTML 5Page - Rohm BD8119FM-M Datasheet HTML 6Page - Rohm BD8119FM-M Datasheet HTML 7Page - Rohm BD8119FM-M Datasheet HTML 8Page - Rohm BD8119FM-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
BD8119FM-M
2/27
TSZ02201-0T3T0C600030-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
28.Aug.2014 Rev.001
Pin Configuration
Pin Descriptions
Pin
Symbol
Function
Pin
Symbol
Function
1
COMP
Error amplifier output
15
LED3
LED output 3
2
SS
Soft start time-setting capacitance input
16
LED4
LED output 4
3
VCC
Input power supply
17
OVP
Over-voltage detection input
4
EN
Enable input
18
VDAC
DC variable light modulation input
5
RT
Oscillation frequency-setting resistance input
19
ISET
LED output current-setting resistance input
6
SYNC
External synchronization signal input
20
PGND
LED output GND
7
GND
Small-signal GND
21
-
No Connection
8
PWM
PWM light modulation input
22
OUTL
Low-side external MOSFET Gate Drive output
9
FAIL1
Failure signal output
23
DGND
Low-side internal MOSFET Source output
10
FAIL2
LED open/short detection signal output
24
SW
High-side external MOSFET Source pin
11
LEDEN1
LED output enable pin 1
25
OUTH
High-side external MOSFET Gate Drive outpin
12
LEDEN2
LED output enable pin 2
26
CS
DC/DC Current Sense Pin
13
LED1
LED output 1
27
BOOT
High-side MOSFET Power Supply pin
14
LED2
LED output 2
28
VREG
Internal reference voltage output
COMP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SS
VCC
EN
RT
SYNC
GND
PWM
FAIL1
FAIL2
LEDEN1
LEDEN2
LED2
LED1
VREG
BOOT
CS
OUTH
SW
DGND
OUTL
N.C.
PGND
ISET
VDAC
OVP
LED3
LED4
(TOP VIEW)


Similar Part No. - BD8119FM-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-ME2 ROHM-BD8119FM-ME2 Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-ME2 ROHM-BD8119FM-ME2 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD8119FM-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com