Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8372HFP-MTR Datasheet(PDF) 5 Page - Rohm

Part # BD8372HFP-MTR
Description  1ch Source Driver for Automotive
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8372HFP-MTR Datasheet(HTML) 5 Page - Rohm

  BD8372HFP-MTR Datasheet HTML 1Page - Rohm BD8372HFP-MTR Datasheet HTML 2Page - Rohm BD8372HFP-MTR Datasheet HTML 3Page - Rohm BD8372HFP-MTR Datasheet HTML 4Page - Rohm BD8372HFP-MTR Datasheet HTML 5Page - Rohm BD8372HFP-MTR Datasheet HTML 6Page - Rohm BD8372HFP-MTR Datasheet HTML 7Page - Rohm BD8372HFP-MTR Datasheet HTML 8Page - Rohm BD8372HFP-MTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5/25
BD8372HFP-M
BD8372EFJ-M
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
09.Dec.2015 Rev.001
TSZ02201-0T1T0C700150-1-2
Electrical Characteristics
(Unless otherwise specified, Ta=-40°C to 125°C, VIN=13V, RISETL=RISETH
=40kΩ, RPBUS=10kΩ)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Circuit Current
IIN
-
2.9
5
mA
IOUT Output Current H
IOUT_H
48.5
50
51.5
mA
50mA setting (ISET
=40kΩ)
STOP=High, Ta=25°C
46
50
54
mA
50mA setting (ISET=40k
Ω)
STOP=High, Ta=-40°C to +125°C
IOUT Output Current L
IOUT_L
4.85
5
5.15
mA
5mA setting (ISET
=40kΩ)
STOP=Low, Ta=25°C
4.6
5
5.4
mA
5mA setting (ISET=40k
Ω)
STOP=Low, Ta=-40°C to +125°C
IOUT Drop Voltage H
VDRH_IOUT
-
0.7
1.2
V
200mA setting(ISET=10k
Ω)
STOP=High
IOUT Drop Voltage L
VDRL_IOUT
-
0.5
0.7
V
20mA setting(ISET=10k
Ω)
STOP=Low
IOUT OFF Current
IIOUT_OFF
-
-
1
µA
VIOUT=2V, PBUS=L, Ta=25°C
IOUT Current at GND Short
IIOUT_SHORT
-
-
40
µA
VIOUT=0V
ISET Terminal Voltage
VISET
-
0.8
-
V
At ISETL or ISETH pins
ISET Short Detection Resistor
RISET_SHORT
-
5.1k
7.5k
Ω
At ISETL or ISETH pins
ISET Open Detection Resistor
RISET_OPEN
125k
400k
-
Ω
At ISETL or ISETH pins
IOUT LED OPEN Detection
VIOUT_OPEN
VIN-0.3 VIN-0.2 VIN-0.1
V
IOUT LED Short Detection
VIOUT_SHORT
0.2
0.6
1.0
V
STOP Input Voltage H
VIH_STOP
4.0
-
VIN+0.2
V
STOP Input Voltage L
VIL_STOP
GND
-
1.0
V
STOP Input Current
VIN_STOP
-
40
100
µA
VSTOP=13V
PBUS Input Voltage H
VIH_PBUS
4.0
-
VIN+0.2
V
PBUS Input Voltage L
VIL_PBUS
GND
-
2.0
V
PBUS Low Voltage
VOL_PBUS
-
-
1.5
V
IPBUS=20mA
PBUS Input Current
IIN_PBUS
-
38
100
µA
VPBUS=13V
IN Under Voltage Open
Detection Mask Voltage
VUVLO_IOPEN
7.5
8.0
8.5
V
IN Over Voltage Mute Current
VIN_OVPMUTE
16
19
24
V
200mA setting (ISET=10k
Ω)
STOP=High


Similar Part No. - BD8372HFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8372HFP-MTR ROHM-BD8372HFP-MTR Datasheet
545Kb / 17P
   LED Drivers for Automotive Light
More results

Similar Description - BD8372HFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83740HFP-M ROHM-BD83740HFP-M Datasheet
1Mb / 32P
   1ch Source Driver for Automotive
BD83732HFP-M ROHM-BD83732HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
BD9555FVM-C ROHM-BD9555FVM-C Datasheet
928Kb / 15P
   50V 1ch Timer IC for Automotive
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com