Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8379EFV-M Datasheet(PDF) 11 Page - Rohm

Part # BD8379EFV-M
Description  12ch LED Driver IC with 3-line Serial Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8379EFV-M Datasheet(HTML) 11 Page - Rohm

Back Button BD8379EFV-M Datasheet HTML 7Page - Rohm BD8379EFV-M Datasheet HTML 8Page - Rohm BD8379EFV-M Datasheet HTML 9Page - Rohm BD8379EFV-M Datasheet HTML 10Page - Rohm BD8379EFV-M Datasheet HTML 11Page - Rohm BD8379EFV-M Datasheet HTML 12Page - Rohm BD8379EFV-M Datasheet HTML 13Page - Rohm BD8379EFV-M Datasheet HTML 14Page - Rohm BD8379EFV-M Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/17
BD8379EFV-M
TSZ02201-0T1T0C500190-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
01.Jun.2016 Rev.002
www.rohm.com
TSZ22111・15・001
OUTPUT SIGNAL
’S DELAY CHART
Figure 18.
Delay Chart of Output Signal
OUTPUT SIGNAL’S DELAY TIME (Ta=-40 to 105℃VCC=3.0 to 5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
OEN_B Switching Time (L→H)
TDOENH
-
-
3000
ns
OEN_B Switching Time (H→L)
TDOENL
-
-
2000
ns
LATCH Switching Delay Time
TDLAH
-
-
3000
ns
SEROUT Propagation Delay Time (L→H)
TDSOH
-
-
350
ns
SEROUT Propagation Delay Time (H→L)
TDSOL
-
-
350
ns
Rising Slew Rate
SRRISE
-
20
-
V/
μs
Ta=25°C, VCC=5V,
RL=500
Ω, VBAT=10V
Falling Slew Rate
SRFALL
-
20
-
V/
μs
Ta=25°C, VCC=5V,
RL=500
Ω, VBAT=10V
50%
TDOENH
TDOENL
50%
90%
10%
SRRISE
SRFALL
50%
OEN_B
OUTPUT
(D11 to D0)
LATCH
50%
TDLAH
OUTPUT
(D11 to D0)
CLK
50%
TDSOH
TDSOL
50%
SEROUT


Similar Part No. - BD8379EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8379FV-M ROHM-BD8379FV-M Datasheet
1Mb / 20P
   12ch LED Driver IC with 3-line Serial Interface
BD8379FVM-E2 ROHM-BD8379FVM-E2 Datasheet
1Mb / 20P
   12ch LED Driver IC with 3-line Serial Interface
More results

Similar Description - BD8379EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8379FV-M ROHM-BD8379FV-M Datasheet
1Mb / 20P
   12ch LED Driver IC with 3-line Serial Interface
BD8389FV-M ROHM-BD8389FV-M Datasheet
1Mb / 22P
   12ch LED Driver IC for Automotive with 3-line Serial Interface
logo
Princeton Technology Co...
PT16940 PTC-PT16940 Datasheet
226Kb / 4P
   Serial-In Parallel-Out 12CH LED Driver with 3-Line Serial Interface
logo
Rohm
BD8378FV-M ROHM-BD8378FV-M Datasheet
781Kb / 20P
   8ch LED Driver IC with 3-line Serial Interface
BD8388FV-M ROHM-BD8388FV-M Datasheet
1Mb / 22P
   8ch LED Driver IC for Automotive with 3-line Serial Interface
BD83812EFV-M ROHM-BD83812EFV-M Datasheet
1,020Kb / 21P
   Serial-in Parallel-out LED Driver 12 ch LED Driver IC for Automotive with 3-line Serial Interface
18.Mar.2022 Rev.001
logo
Princeton Technology Co...
PT16941 PTC-PT16941 Datasheet
263Kb / 4P
   Serial-in Parallel-out 8ch LED Driver with 3-line Serial Interface
logo
Semtech Corporation
SC606 SEMTECH-SC606 Datasheet
373Kb / 18P
   Low Noise Smart LED Driver with Serial Interface
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com