Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9397EFV Datasheet(PDF) 3 Page - Rohm

Part # BD9397EFV
Description  White LED Driver for large LCD panel
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9397EFV Datasheet(HTML) 3 Page - Rohm

  BD9397EFV Datasheet HTML 1Page - Rohm BD9397EFV Datasheet HTML 2Page - Rohm BD9397EFV Datasheet HTML 3Page - Rohm BD9397EFV Datasheet HTML 4Page - Rohm BD9397EFV Datasheet HTML 5Page - Rohm BD9397EFV Datasheet HTML 6Page - Rohm BD9397EFV Datasheet HTML 7Page - Rohm BD9397EFV Datasheet HTML 8Page - Rohm BD9397EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Datasheet
Datasheet
3/27
TSZ02201-0F1F0C100330-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
1.Sep.2015 Rev.006
www.rohm.com
TSZ22111・15・001
BD9397EFV
●1.1 Electrical Characteristics 1(Unless otherwise specified, Ta=25°C,VCC=24V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Whole device】
Operating circuit current
ICC
-
9
16
mA
STB=3V,LED1-6=ON,
RT=30kΩ
Stand-by circuit current
ISTB
-
12
20
μA
STB=0V
REG9V block】
REG9V output voltage
REG9V
8.9
9.0
9.1
V
IO=0mA
Maximum REG9V output current
IREG9V
20
-
-
mA
Switching block】
N terminal source resistance
RONH
-
2.5
3.5
ION=-10mA
N terminal sink resistance
RONL
-
3.0
4.2
ION=10mA
Over current protection (OCP) block】
Over current protection voltage
VOCP
0.40
0.45
0.50
V
VCS=SWEEP UP
Soft-start block】
SS terminal source current
ISS
-1.4
-1.0
-0.6
μA
SS terminal release voltage
VSS
2.9
3.0
3.1
V
SS=SWEEP UP
Error amplifier block】
LED control voltage
VLED
0.66
0.7
0.74
V
LED_LV=0.7V
FB sink current
IFBSINK
55
100
155
μA
LED=2.0V, VFB=1.0V
FB source current
IFBSOURCE
-155
-100
-55
μA
LED=0V, VFB=1.0V
LED_LV terminal input current
ILED_LV
-2
0
2
uA
VLED_LV=3V
CT oscillator block】
Oscillation frequency
FCT
440
500
560
kHz
RT=30kΩ
MAX DUTY
DMAX
78
84
91
%
Over voltage protection (OVP) block】
OVP detection voltage
VOVP
2.34
2.43
2.52
V
VOVP=SWEEP UP
OVP hysteresis voltage
VOVPHYS
10
50
100
mV
VOVP=SWEEP DOWN
OVP feedback voltage
FBOVP
0.93
1.05
1.17
V
PMW1-6=0V,SS=2.8V,
VLED_LV=0.7V
Short current protection (SCP) block】
Short circuit protection voltage
VSCPmL
0.12
0.20
0.28
V
VOVP=SWEEP DOWN,
FAILMODE=0V
VSCPmH
0.74
0.79
0.84
V
VOVP=SWEEP DOWN,
FAILMODE=3V
M_LED block】
Diode forward voltage
VFLED
1120
1340
1560
mV
VLED=0V
Forward voltage offset each ch
VFOFFSET
-
-
20
mV
VLED=0V
REG9V pull up resistance
RM_DET
60
100
140
kΩ


Similar Part No. - BD9397EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9397EFV-E2 ROHM-BD9397EFV-E2 Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results

Similar Description - BD9397EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
   White LED Driver for large LCD panel
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
Rohm
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com